Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
17 / 54
8.6 Diagnostic output
8.6.1 Diagnostic table
The diagnostic information for I2C-bus mode and non-I2C-bus mode is shown in Table
11. The instruction bitmap and data bytes are described in Table 14 and Table 15.
Pins DIAG and CLIP have an open-drain output which must have an external pull-up
resistor connected to an external voltage. Pins CLIP and DIAG can show both fixed and
I2C-bus selectable information.
Pin DIAG goes LOW when a short circuit to one of the amplifier outputs occurs. The
microprocessor reads the failure information using the I2C-bus. The I2C-bus bits are set
for a short circuit. These bits can be reset with the I2C-bus read command.
Even after the short has been removed, the microprocessor knows what was wrong
after reading the I2C-bus. Old information is read when a single I2C-bus read command
is used. To read the current information, two read commands must be sent, one after
another.
When selected, pin DIAG gives the current diagnostic information. Pin DIAG is released
instantly when the failure is removed, independent of the I2C-bus latches.
Table 11. Available data on pins DIAG and CLIP
Diagnostic
I2C-bus mode
Non-I2C-bus mode
Pin DIAG Pin CLIP Pin DIAG Pin CLIP
Power-on reset
yes
yes
yes
yes
UVP or OVP
yes
no
yes
no
Clip detection
no
selectable no
yes
Temperature pre-warning
no
selectable no
yes
OCP/WP
yes
no
yes
no
DCP
selectable no
yes
no
OTP
yes
no
yes
no
When OCP is triggered, the open-drain DIAG output is activated. The diagnostic output
signal during different short circuit conditions is illustrated in Figure 15.
001aai786
AMPLIFIER
RESTART
shorted load
pull up V
AGND = 0 V
≈50 ms
≈50 ms
≈50 ms
NO
RESTART
short to GND or VP line
Figure 15. Diagnostic output for short circuit conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com