Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
11 / 54
OSCSET pin
OSCIO pin SSM pin
Oscillator modes
Rosc = 0 Ω
input
CPLL + RPLL to pin AGND
slave, PLL enabled
Rosc = 0 Ω
input
shorted to pin AGND
slave, PLL disabled
8.4 Operation mode selection
Pin MOD is used to select specific operating modes. The resistor (RMOD) connected
between pins MOD and AGND together with the non-I2C-bus/I2C-bus mode determine
the operating mode (see Table 8). The mode of operation depends on whether non-
I2C-bus mode or I2C-bus mode is active. This in turn is determined by the resistor value
connected between pins ADS and AGND.
In non-I2C-bus mode, pin MOD is used to select:
• AD or BD modulation (see Section 8.4.1).
• 1/2 π phase shift when oscillator is used in Slave mode (see Section 8.4.2).
• Parallel mode operation (see Section 8.4.3).
In I2C-bus mode, pin MOD can only select Parallel mode. In addition, the modulation
mode and phase shift are programmed using I2C-bus commands.
Table 8. Operation mode selection with the MOD pin
RMOD (kΩ)
I2C-bus mode[1]
Non-I2C-bus mode[2]
0 (short to AGND)
AD modulation: no phase shift in Slave mode
4.7
BD modulation: no phase shift in Slave mode
13
Stereo mode
AD modulation: 1/2 π phase shift in Slave mode
33
BD modulation: 1/2 π phase shift in Slave mode
100
AD modulation: no phase shift in Slave mode
∞ (open)
Parallel mode[3]
BD modulation: no phase shift in Slave mode
[1]
RADS ≥ 4.7 kΩ; See Table 13.
[2]
RADS = 0 Ω; pin ADS is short circuited to pin AGND.
[3]
See Section 8.4.3 for more detailed information.
In I2C-bus mode, pin MOD is latched using the I2C-bus command IB3[D7] = 1. This
avoids amplifier switching interference generating incorrect information on pin MOD.
In non-I2C-bus mode or when IB3[D7] = 0, the information on pin MOD is latched when
one of the TDF8599B’s outputs starts switching.
8.4.1 Modulation mode
In non-I2C-bus mode, pin MOD is used to select either AD or BD modulation mode (see
Table 8). In I2C-bus mode, the modulation mode is selected using an I2C-bus command.
• AD modulation mode: the bridge halves switch in opposite phase.
• BD modulation mode: the bridge halves switch in phase but the input signal for the
modulators is inverted.
Figure 10 and Figure 11 show simplified representations of AD and BD modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com