Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors TDF8599B Datasheet HTML 29Page - NXP Semiconductors TDF8599B Datasheet HTML 30Page - NXP Semiconductors TDF8599B Datasheet HTML 31Page - NXP Semiconductors TDF8599B Datasheet HTML 32Page - NXP Semiconductors TDF8599B Datasheet HTML 33Page - NXP Semiconductors TDF8599B Datasheet HTML 34Page - NXP Semiconductors TDF8599B Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
31 / 54
13 Dynamic characteristics
Table 21. Dynamic characteristics
VP = VDDA = 14.4 V; RL = 4 Ω; fi = 1 kHz; fosc = 320 kHz; Rs(L) < 0.04 Ω[1]; −40 °C < Tamb < +85 °C; Stereo mode; unless
otherwise specified.
Symbol Parameter
Conditions
Min
Typ Max
Unit
Stereo mode:
[2]
VP = 14.4 V; THD = 1 %; RL = 4 Ω
18
20
-
W
VP = 14.4 V; THD = 10 %; RL = 4 Ω
24
26
-
W
square wave (EIAJ); RL = 4 Ω
-
40
-
W
VP = 24 V; THD = 10 %; RL = 4 Ω
-
70
-
W
VP = 14.4 V; THD = 1 %; RL = 2 Ω
29
32
-
W
VP = 14.4 V; THD = 10 %; RL = 2 Ω
39
43
-
W
square wave (EIAJ); RL = 2 Ω
-
70
-
W
Parallel mode:
[2]
VP = 14.4 V; THD = 10 %; RL = 1 Ω
-
85
-
W
VP = 24 V; THD = 10 %; RL = 2 Ω
-
138
-
W
Po
output power
VP = 24 V; THD = 1 %; RL = 1 Ω
135
150
-
W
fi = 1 kHz; Po = 1 W
[3] -
0.02
0.1
%
THD
total harmonic distortion
fi = 10 kHz; Po = 1 W
[3] -
0.02
0.1
%
Gv(cl)
closed-loop voltage gain
25
26
27
dB
αcs
channel separation
fi = 1 kHz; Po = 1 W
-
70
-
dB
Operating mode
fripple = 100 Hz
[4] 60
70
-
dB
fripple = 1 kHz
[4] 60
70
-
dB
Mute mode
fripple = 1 kHz
[4] 60
70
-
dB
off state and Standby mode
SVRR
supply voltage rejection ratio
fripple = 1 kHz
[4] -
90
-
dB
|Zi(dif)|
differential input impedance
60
100
150
kΩ
Operating mode
BD mode
[5] -
60
77
μV
AD mode
[5] -
100
140
μV
Mute mode
BD mode
[6] -
25
32
μV
Vn(o)
output noise voltage
AD mode
[6] -
85
110
μV
αbal(ch)
channel balance
-
0
1
dB
αmute
mute attenuation
[7] 66
-
-
dB
CMRR
common mode rejection ratio Vi(cm) = 1 V RMS
65
80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com