Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
12 / 54
001aai778
+VP
OUTP
AD
BD
INxP
INxN
OUTN
+VP
Figure 9. AD/BD modulation switching circuit
001aai779
INxP
OUTxP
a. Bridge half 1.
001aai780
INxN
OUTxN
b. Bridge half 2 switched in the opposite phase to bridge half 1.
Figure 10. AD modulation
001aai781
INxP
OUTxP
OUTxP - OUTxN
a. Phase switching cycle.
001aai782
INxN
OUTxN
b. Inverted signal to the modulator.
Figure 11. BD modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com