Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 25Page - NXP Semiconductors TDF8599B Datasheet HTML 26Page - NXP Semiconductors TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors TDF8599B Datasheet HTML 29Page - NXP Semiconductors TDF8599B Datasheet HTML 30Page - NXP Semiconductors TDF8599B Datasheet HTML 31Page - NXP Semiconductors TDF8599B Datasheet HTML 32Page - NXP Semiconductors TDF8599B Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
29 / 54
Symbol
Parameter
Conditions
Min Typ Max Unit
Zth(load)
load detection threshold
impedance
for normal speaker load;
DB1[D4] = 0; DB2[D4] = 0
-
-
25
Ω
Zth(open)
open load detection threshold
impedance
DB1[D4] = 1; DB2[D4] = 1
350
-
-
Ω
AC load detection levels: I2C-bus mode only
Ith(o)det(load)AC
AC load detection output
threshold current
250
500
700
mA
Start-up/shut-down/mute timing
twake
wake-up time
on pin EN before first I2C-bus
transmission is recognized
[7] -
-
500
μs
tdet(DCload)
DC load detection time
CON = 470 nF
[7] -
380
-
ms
td(stb-mute)
delay time from standby to
mute
measured from amplifier enabling
to start of unmute (no DC load
detection); CSVRR = 47 μF
CON = 470 nF
-
140
-
ms
td(mute-fgain)
mute to full gain delay time
CON = 470 nF
[5] -
15
-
ms
shutdown delay time from EN pin
LOW to SVRR LOW; voltage on
pin SVRR < 0.1 V; CSVRR = 47 μF
200
350
550
ms
shutdown delay time from EN pin
LOW to SVRR LOW; voltage on
pin SVRR < 0.1 V; CSVRR = 47 μF;
VP = 35 V
300
400
700
ms
shutdown hold delay time from pin
EN LOW to ACGND LOW; voltage
on pin ACGND < 0.1 V; Master
mode
-
370
-
ms
td
delay time
hold delay in Master mode to allow
slaved devices to shutdown
fosc = 320 kHz
-
50
-
ms
Speaker load impedance
at supply voltage equal to or below
24 V
stereo mode
1.6
4
-
Ω
RL
load resistance
parallel mode
0.8
-
-
Ω
[1]
Required resistor accuracy for pins ADS and MOD is 1 %; see Section 9.
[2]
Maximum leakage current from DCP pin to ground = 3 µA
[3]
The output offset values can be either positive or negative. The Vth(offset) limit values (excluding Typ) are the valid absolute values.
[4]
DC output offset voltage is applied to the output gradually during the transition between Mute mode and Operating mode.
[5]
The transition time between Mute mode and Operating mode is determined by the time constant on the SEL_MUTE pin.
[6]
The DC load valid bit DB1[D6] must be used; Section 8.6.2.1. The DC load enable bit IB2[D2] must be reset after each load detection cycle to prevent
amplifier hang-up incidents.
[7]
I2C-bus mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com