Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 4 Page - NXP Semiconductors

  TDF8599B Datasheet HTML 1Page - NXP Semiconductors TDF8599B Datasheet HTML 2Page - NXP Semiconductors TDF8599B Datasheet HTML 3Page - NXP Semiconductors TDF8599B Datasheet HTML 4Page - NXP Semiconductors TDF8599B Datasheet HTML 5Page - NXP Semiconductors TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
4 / 54
7 Pinning information
7.1 Pinning
TDF8599BTH
OUT1N
IN1P
BOOT1N
IN1N
VP1
IN2P
PGND1
GNDD/HW
VDDD
VSTAB1
IN2N
BOOT1P
ACGND
OUT1P
EN
OUT2P
SEL_MUTE
BOOT2P
SVRR
PGND2
AGND
VP2
VDDA
ADS
MOD
001aak215
36
35
34
33
32
31
30
29
28
27
26
25
11
12
9
10
7
8
CLIP
BOOT2N
DIAG
OUT2N
SDA
VSTAB2
SCL
24
23
22
21
15
16
13
14
DCP
SSM
OSCIO
OSCSET
20
19
17
18
5
6
3
4
1
2
Figure 2. Heatsink up (top view) pin configuration TDF8599BTH
7.2 Pin description
Table 3. Table 3. Pin description
Symbol
Pin Type[1]
Description
IN1P
1
I
channel 1 positive audio input
IN1N
2
I
channel 1 negative audio input
IN2P
3
I
channel 2 positive audio input
IN2N
4
I
channel 2 negative audio input
ACGND
5
I
decoupling for input reference voltage
EN
6
I
enable input:
non-I2C-bus mode: switch between off and Mute mode
I2C-bus mode: off and Standby mode
SEL_MUTE
7
I
select mute or unmute
SVRR
8
I
decoupling for internal half supply reference voltage
AGND
9
G
analog supply ground
VDDA
10
P
analog supply voltage
ADS
11
I
non-I2C-bus mode: connected to ground
I2C-bus mode: selection and address selection pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com