Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 4Page - NXP Semiconductors TDF8599B Datasheet HTML 5Page - NXP Semiconductors TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
8 / 54
Table 6. Mode setting pin OSCIO
Mode
Settings
Pin OSCSET
Pin OSCIO
Master
Rosc > 26 kΩ
output
Slave
Rosc = 0 Ω; shorted to pin AGND
input
The value of the resistor Rosc sets the clock frequency based on equation1:
(1)
fosc (kHz)
300
500
450
350
400
001aak224
20
30
10
40
50
Rosc
(kΩ)
0
Figure 4. Clock frequency as a function of Rosc
001aak218
OSCSET
OSCIO
Master
Cosc
R
fosc
Rosc
TDF8599B
OSCSET
OSCIO
Slave 1
TDF8599B
OSCSET
OSCIO
Slave 2
TDF8599B
Figure 5. Master and slave configuration
In Master mode, Spread spectrum mode and frequency hopping can be enabled. In
Slave mode, phase staggering and phase lock operation can be selected. An external
clock can be used as the master-clock on pin OSCIO of the slave devices. When using
an external clock, it must remain active during the shutdown sequence to ensure that all
devices are switched off and able to enter the off state as described in Section 8.2.
In Slave mode, an internal watchdog timer on pin OSCIO is triggered when the
TDF8599B is switched off by pulling down pin EN. If the external clock fails, the
watchdog timer forces the TDF8599B to switch off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com