Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors TDF8599B Datasheet HTML 22Page - NXP Semiconductors TDF8599B Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
19 / 54
Table 12. Interpretation of DC load detection bits
DC load bits DB1[D4] and DB2[D4] OCP bits DB1[D3] and DB2[D3] Description
0
0
speaker load
0
1
shorted load
1
0
open load
Remark: After DC load detection has been performed, the DC load valid bit DB1[D6]
must be set. The DC load data bits are only valid when bit DB1[D6] = 1. When DC load
detection is interrupted by a sudden large change in supply voltage (triggered by UVP
or OVP) or if the amplifier hangs up, the DC load valid bit is reset to DB1[D6] = 0. The
DC load detection enable bit IB2[D2] must be reset after the DC load protection cycle
to release any amplifier hang-up. Once the DC load detection cycle has finished, DC
load detection can be restarted by toggling the DC load detection enable bit IB2[D2].
However, this can only be used if both amplifier channels have not been enabled with bit
IB1[D1] or bit IB2[D1]. See Section 8.6.2.2 “Recommended start-up sequence with DC
load detection enabled”Section 8.6.2.2 for detailed information.
8.6.2.2 Recommended start-up sequence with DC load detection enabled
The flow diagram (Figure 19) illustrates the TDF8599B’s ability to perform a DC load
detection without starting the amplifiers. After a DC load detection cycle finishes without
setting the DC load valid bit DB1[D6], DC load detection is repeated (when bit IB2[D2] is
toggled).
To limit the maximum number of DC load detection cycle loops, a counter and limit have
been added. The loop exits after the predefined number of cycles (COUNTMAX), if the
DC load detection cycle finishes with an invalid detection.
Depending on the application needs, the invalid DC load detection cycle can be handled
as follows:
• the amplifier can be started without DC load detection
• the DC load detection loop can be executed again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com