Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors TDF8599B Datasheet HTML 22Page - NXP Semiconductors TDF8599B Datasheet HTML 23Page - NXP Semiconductors TDF8599B Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
20 / 54
001aaj061
NO
NO
YES
YES
restart
DC load
start amplifier
anyway
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 1
enable DC load
IB1[D1] = 1
disable channel 1
IB2[D1] = 1
disable channel 2
I2C-bus RX
DB1[D4] = 1
channel 1 open load
DB2[D4] = 1
channel 2 open load
DB1[D6] = 1
DC load valid
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 0
disable DC load
IB1[D1] = 0
enable channel 1
IB2[D1] = 0
enable channel 2
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 0
disable DC load
IB1[D1] = 1
disable channel 1
IB2[D1] = 1
disable channel 2
I2C-bus TX
IB1[D0] = 1
startup
IB2[D2] = 1
enable DC load
IB1[D1] = 1
disable channel 1
IB2[D1] = 1
disable channel 2
ERROR HANDLING
COUNT = 0
WAIT DC load
COUNT = COUNT + 1
DB1[D6] = 1
DC load valid
COUNT ≤ COUNTMAX
Figure 19. Recommended start-up sequence with DC load detection enabled
8.6.2.3 AC load detection
AC load detection is only available in I2C-bus mode and is controlled using bit IB3[D4].
The default setting for bit IB3[D4] = 0 disables AC load detection. When AC load
detection is enabled (bit IB3[D4] = 1), the amplifier load current is measured and
compared with a reference level. Pin CLIP is activated when this threshold is reached.
Using this information, AC load detection can be performed using a predetermined input
signal frequency and level. The frequency and signal level should be chosen so that
the load current exceeds the programmed current threshold when the AC coupled load
(tweeter) is present.
8.6.2.4 CLIP detection
CLIP detection gives information for clip levels ≥ 0.2 %. Pin CLIP is used as the output
for the clip detection circuitry on both channel 1 and channel 2. Setting either bit IB1[D5]
or bit IB2[D5] to logic 0 defines which channel reports clip information on the CLIP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com