Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 26Page - NXP Semiconductors TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors TDF8599B Datasheet HTML 29Page - NXP Semiconductors TDF8599B Datasheet HTML 30Page - NXP Semiconductors TDF8599B Datasheet HTML 31Page - NXP Semiconductors TDF8599B Datasheet HTML 32Page - NXP Semiconductors TDF8599B Datasheet HTML 33Page - NXP Semiconductors TDF8599B Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
30 / 54
12.1 Switching characteristics
Table 20. Switching characteristics
VP = VDDA = 14.4 V; −40 °C < Tamb < +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
Internal oscillator
external clock frequency;
Rosc = 39 kΩ
-
320
-
kHz
fosc
oscillator frequency
internal fixed frequency and spread
spectrum mode frequency based on
the resistor value connected to pin
OSCSET for the master setting
300
-
450
kHz
Master/slave setting (OSCIO pin)
Rosc
oscillator resistance
resistor value on pin OSCSET;
master setting
26
39
49
kΩ
VOL
LOW-level output voltage
output
-
-
0.8
V
VOH
HIGH-level output voltage
output
4
-
-
V
VIL
LOW-level input voltage
input
-
-
0.8
V
VIH
HIGH-level input voltage
input
4
-
-
V
ftrack
tracking frequency
PLL enabled
300
-
500
kHz
Nslave
number of slaves
driven by one master
12
-
-
Spread spectrum mode setting
Δfosc
oscillator frequency variation
between maximum and minimum
values; Spread spectrum mode
activated
-
10
-
%
fsw
switching frequency
Spread spectrum mode activated;
CSSM = 1 μF
-
7
-
Hz
Frequency hopping
change positive; IB1[D4] = 1;
IB1[D3] = 1
-
fosc + 10 % -
kHz
fosc(int)
internal oscillator frequency
change negative; IB1[D4] = 1;
IB1[D3] = 0
-
fosc - 10 % -
kHz
Timing
tr
rise time
PWM output; Io = 0 A
-
10
-
ns
tf
fall time
PWM output; Io = 0 A
-
10
-
ns
tw(min)
minimum pulse width
Io = 0 A
-
80
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com