Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors TDF8599B Datasheet HTML 22Page - NXP Semiconductors TDF8599B Datasheet HTML 23Page - NXP Semiconductors TDF8599B Datasheet HTML 24Page - NXP Semiconductors TDF8599B Datasheet HTML 25Page - NXP Semiconductors TDF8599B Datasheet HTML 26Page - NXP Semiconductors TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
24 / 54
Table 14. Instruction byte descriptions
Bit
Value Description
Instruction byte IB1
Instruction byte IB2
Instruction byte IB3
D7
0
offset detection on pin DIAG
offset protection on
latch information on pins
ADS and MOD when the
amplifier starts switching
1
no offset detection on pin DIAG
offset protection off
latch information on pins
ADS and MOD; see
Section 9
D6
0
channel 1 offset monitoring on
channel 2 offset monitoring on
-
1
channel 1 offset monitoring off
channel 2 offset monitoring off
-
D5
0
channel 1 clip detect on pin CLIP
channel 2 clip detect on pin CLIP
-
1
channel 1 no clip detect on pin CLIP
channel 2 no clip detect on pin CLIP -
D4
0
disable frequency hopping
thermal pre-warning on pin CLIP
disable AC load detection
1
enable frequency hopping[1]
no thermal pre warning on pin CLIP
enable AC load detection
D3
0
oscillator frequency as set with
Rosc − 10 %
temperature pre-warning at 140 °C
1
oscillator frequency as set with
Rosc + 10 %
temperature pre-warning at 120 °C
D2
0
-
DC-load detection disabled
1
-
DC-load detection enabled
D1
0
channel 1 enabled
channel 2 enabled
1
channel 1 disabled
channel 2 disabled
oscillator phase shift bits
IB3[D3] to IB3[D1][2]
D0
0
TDF8599B in Standby mode
all channels operating
AD modulation
1
TDF8599B in Mute or Operating
modes[3]
all channels muted
BD modulation
[1]
See Section 8.3.3 for information on IB1[D4] and IB[D3].
[2]
See Table 15 for information on IB3[D3] to IB3[D1].
[3]
See Table 4for information on IB1[D0] and IB2[D0].
Table 15. Phase shift bit settings
D3
D2
D1
Phase
0
0
0
0
0
0
1
1/4 π
0
1
0
1/3 π
0
1
1
1/2 π
1
0
0
2/3 π
1
0
1
3/4 π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com