Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors TDF8599B Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
18 / 54
8.6.2 Load identification (I2C-bus mode only)
8.6.2.1 DC load detection
DC load detection is only available in I2C-bus mode and is controlled using bit IB2[D2].
The default setting is logic 0 for bit IB2[D2] which disables DC load detection. DC load
detection is enabled when bit IB2[D2] = 1. Load detection takes place before the class-D
amplifier output stage starts switching in Mute mode and the start-up time from Standby
mode to Mute mode is increased by tdet(DCload) (see Figure 16).
001aai787
PWM
CONTROL
DRIVER
HIGH
VP
PGND1
OUTN
OUTP
RL
B
DRIVER
LOW
PWM
CONTROL
DRIVER
HIGH
VP
PGND2
DRIVER
LOW
Figure 16. DC load detection circuit
001aai788
out (V)
tdet(DCload)
td(stb-mute)
t (s)
out-
out+
Figure 17. DC load detection procedure
The capacitor connected to pin SEL_MUTE (see Figure 3) is used to create an inaudible
current test pulse, drawn from the positive amplifier output. The diagnostic ‘speaker
load’ (or ‘open load’), based on the voltage difference between pins OUTxP and OUTxN
is shown in Figure 18.
001aaj956
0 Ω
25 Ω 350 Ω
SPEAKER LOAD
OPEN LOAD
Figure 18. DC load detection limits
Remark: DC load detection identifies a short circuited speaker as a valid speaker load.
OCP detection, using byte DB1[D3] for channel 1 and byte DB2[D3] for channel 2,
performs diagnostics on shorted loads. However, the diagnostics are performed after the
DC load detection cycle has finished and once the amplifier is in Operating mode.
The result of the DC load detection is stored in bits DB1[D4] and DB2[D4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com