Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
10 / 54
sets the oscillator frequency (fosc). In I2C-bus mode, this frequency can be varied by
± 10 %. Set bit IB1[D4] to logic 1 and bit IB1[D3] to either logic 0 (0.9 × fosc) or logic 1
(1.1 × fosc).
8.3.4 Phase lock operation (Slave mode)
In Slave mode, Phase-Locked Loop (PLL) operation can be used to reduce the jitter
effect of the external oscillator signal connected to pin OSCIO. Phase lock operation
is also needed to enable phase staggering, see Section 8.4.2. Phase lock operation is
enabled when the oscillator is in Slave mode by connecting two capacitors (CPLL_s and
CPLL_p) and a resistor (RPLL) between pin SSM and pin AGND (see Figure 8). Connecting
pin SSM to pin AGND disables phase lock operation and causes the slave to directly
use the external oscillator signal. Values for CPLL_s, CPLL_p and RPLL depend on the
desired loop bandwidth (BPLL) of the PLL. RPLL is given by: RPLL = 8.4 × BPLL Ω. The
corresponding values for CPLL_p and CPLL_s are given by Equation 3 and Equation 4:
(3)
Remark: CPLL_p is only needed when 1/4 π phase shift is selected. See Section 8.4.2 for
more detailed information.
(4)
When pin OSCIO is connected to a clock-master with Spread spectrum mode enabled,
the PLL loop bandwidth BPLL should be 100 × fSSM.
001aai776
100 µA
SSM
OSCSET
PLL
a. Off
Figure 8. Phase lock operation
001aai777
100 µA
PLL
OSCSET
RPLL
CPLL_p(1)
CPLL_s
SSM
(1) Only needed when 1/4 π phase shift is
selected.
b. On
Table 7 lists all oscillator modes.
Table 7. Oscillator modes
OSCSET pin
OSCIO pin SSM pin
Oscillator modes
Rosc > 26 kΩ
output
CSSM to pin AGND
master, spread spectrum
Rosc > 26 kΩ
output
shorted to pin AGND
master, no spread spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com