Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors TDF8599B Datasheet HTML 22Page - NXP Semiconductors TDF8599B Datasheet HTML 23Page - NXP Semiconductors TDF8599B Datasheet HTML 24Page - NXP Semiconductors TDF8599B Datasheet HTML 25Page - NXP Semiconductors TDF8599B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
22 / 54
001aai791
VDDA
DIAG
EN
td(2)
td(1)
td(3)
td(stb-mute)
ACGND
SEL_MUTE
SVRR
OUTn
td(mute-fgain)
(1) Shutdown hold delay.
(2) Shutdown delay.
(3) Master mode shutdown delay.
Figure 21. Start-up and shutdown timing in non-I2C-bus mode
9 I2C-bus specification
TDF8599B address with hardware address select.
Table 13. I2C-bus write address selection using pins MOD and ADS
RADS[1] (kΩ)
RMOD[1] (kΩ)
R/W
Stereo mode
Parallel mode
0[2]
4.7
13
33
100
open
Open
58h
68h
78h
58h
68h
78h
1 = Read from TDF8599B
0 = Write to TDF8599B
100
56h
66h
76h
56h
66h
76h
33
54h
64h
74h
54h
64h
74h
13
52h
62h
72h
52h
62h
72h
4.7
50h
60h
70h
50h
60h
70h
0[2]
non-I2C-bus mode select
[1]
Required external resistor accuracy is 1 %.
[2]
Short circuited to ground.
In I2C-bus mode, pins MOD and ADS can be latched using the I2C-bus command
IB3[D7] = 1. This avoids disturbances from amplifier outputs of other TDF8599B devices
in the same application switching and generating incorrect information on the MOD and
ADS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com