Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 36 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 32Page - Analog Devices ADM1041 Datasheet HTML 33Page - Analog Devices ADM1041 Datasheet HTML 34Page - Analog Devices ADM1041 Datasheet HTML 35Page - Analog Devices ADM1041 Datasheet HTML 36Page - Analog Devices ADM1041 Datasheet HTML 37Page - Analog Devices ADM1041 Datasheet HTML 38Page - Analog Devices ADM1041 Datasheet HTML 39Page - Analog Devices ADM1041 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
ADM1041
Rev. A | Page 36 of 64
SMBus PROTOCOLS FOR RAM AND EEPROM
The ADM1041 contains volatile registers (RAM) and nonvola-
tile EEPROM. RAM occupies the address locations from 00h to
7Fh, while EEPROM occupies the address locations from 8000h
to 813Fh.
The SMBus specification defines several protocols for different
types of read and write operations. The ones used in the
ADM1041 are discussed in the next sections. The following
abbreviations are used in the diagrams:
S—START
P—STOP
R—READ
W—WRITE
A—ACKNOWLEDGE
A—NO ACKNOWLEDGE
The ADM1041 uses the following SMBus write protocols.
SMBus Erase EEPROM Page Operations
EEPROM memory can be written to only if it is effectively
unprogrammed. Before writing to one or more locations that
are already programmed, the page containing those locations
must be erased. EEPROM ERASE is performed by sending a
page erase command byte (A2h) followed by the page location
of what you want to erase. (There is no need to set an erase bit
in an EEPROM control/status register.)
The EEPROM consists of 16 pages of 32 bytes each; the register
default EEPROM consists of 1 page of 32 bytes starting at 8100h.
Table 7. EEPROM Page Layout
Page No.
EEPROM Location
Description
1
8000h to 801Fh
Available FRU
2
8020h to 803Fh
Available FRU
3
8040h to 8050h
Available FRU
4
8060h to 8070h
Available FRU
5
8080h to 8090h
Available FRU
6
80A0h to 80BFh
Available FRU
7
80C0h to 80DFh
Available FRU
8
80E0h to 80FFh
Available FRU
9
8100h to 811Fh
Configuration Boot Registers
10
8120h to 813Fh
ADI Registers
11
8140h to 815Fh
Available FRU
12
8160h to 817Fh
Available FRU
13
8180h to 819Fh
Available FRU
14
81A0h to 81BFh
Available FRU
15
81C0h to 81DFh
Available FRU
16
81E0h to 81FFh
ADI Registers
The EEPROM page address consists of the EEPROM address
high Byte 80h for FRU or 81h for register default and the three
MSBs of the low byte. The lower five bits of the EEPROM
address of the low byte are ignored during an erase operation.
SLAVE
ADDRESS
S
EEPROM
ADDRESS
HIGH BYTE
(80h OR 81h)
ARBITRARY
DATA
EEPROM
ADDRESS
LOW BYTE
(00h TO FFh)
COMMAND A2h
(PAGE ERASE)
W A
A P
A
A
7
A
10
811 12
9
2
16
4
35
Figure 28. EEPROM Page Erase Operation
Page erasure takes approximately 20 ms. If the EEPROM is
accessed before erasure is complete, the SMBus responds with
No Acknowledge.
Figure 29 shows the peak IDD supply current during an EEPORM
page erase operation. Decoupling capacitors of 10 µF and 100
nF are recommended on VDD.
Figure 29. EEPROM Page Erase Peak IDD Current
SMBus Write Operations
Send Byte
In this operation, the master device sends a single command
byte to a slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code.
5.
The slave asserts ACK on SDA.
6.
The master asserts a stop condition on SDA and the
transaction ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com