Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 26Page - Analog Devices ADM1041 Datasheet HTML 27Page - Analog Devices ADM1041 Datasheet HTML 28Page - Analog Devices ADM1041 Datasheet HTML 29Page - Analog Devices ADM1041 Datasheet HTML 30Page - Analog Devices ADM1041 Datasheet HTML 31Page - Analog Devices ADM1041 Datasheet HTML 32Page - Analog Devices ADM1041 Datasheet HTML 33Page - Analog Devices ADM1041 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ADM1041
Rev. A | Page 30 of 64
OSCILLATOR AND TIMING GENERATORS
An on-board oscillator is used to generate timing signals. Some
trimming of the oscillator is provided to adjust for variations in
processing.
All timing generated from the oscillator is expected to meet the
same tolerances as the oscillator. Since individual delay counters
are generally two to three bits, the worst error is one clock period
into these counters, which is 25% of the nominal delay period.
None of these tolerances are extremely critical.
LOGIC I/O AND MONITOR PINS
Apart from pins required for the various key analog functions, a
number of pins are used for logic level I/O signals. If the logic
I/O function is not required, the pins may be reconfigured as
general-purpose comparators for analog level monitoring (MON)
and may be additionally configured to have typical OVP and
UVP properties, either positive-going or negative-going,
depending on whether a positive supply output or a negative
supply output is being monitored. When monitoring negative
outputs, a positive bias must be applied via a resistor to VREF.
The status of all protection and monitoring comparators are
held in registers that can be read by a microprocessor via the
SMBus. Certain control bits may be written to via the SMBus.
CBD/ALERT
This pin can be used either as a crowbar driver or as an SMBus
alert signal to indicate that a fault has occurred. It is typically
configured to respond to a variety of status flags, as detailed in
Registers 1Ah and 1Bh. The primary function of this pin is as a
crowbar driver, and as such it should be configured to respond
to the OV fault status flag. It can be configured to respond to
any or all of a variety of fault status flags, including a micro-
processor writable flag, and can be configured as latching or
nonlatching. It may also be configured as an open-drain
N-channel or P-channel MOSFET and as positive or negative
(inverted) logic. A pull-up or pull-down resistor is required.
This pin may be wire-ORed with the same pin on other
ADM1041 ASICs in the power supply.
The alternative function is an SMBus alert output that can be
used as an interrupt to a microprocessor. If a fault occurs, the
microprocessor can then query the ADM1041(s) about the fault
status. This is intended to avoid continuously polling the
ADM1041(s).
Generally, the microprocessor needs to routinely gather other
data from the ADM1041(s), which can include the fault status,
so the ALERT function may not be used. Also, the simplest
microprocessors may not have an interrupt function. This
allows the CBD/ALERT pin to be used for other functions.
MON1
This is the alternative analog comparator function for the
Pulse/ACSENSE1 pin (Pin 9). The threshold is 1.25 V. When
MON1 is selected, ACSENSE1 defaults to true.
MON2
This is the alternative analog comparator function for the
ACSENSE2 pin (Pin 10). The threshold is 1.25 V. When MON2 is
selected, ACSENSE2 defaults to true.
PEN
This is the power enable pin that turns the PWM converter on
and can be configured as active high or low. This might drive an
opto-isolator back to the primary side or connect to the enable
pin of a secondary-side post regulator.
PSON
This pin is usually connected to the customer’s PSON signal
and, when asserted, causes the ADM1041 to turn on the power
output. It can be configured as active high or low. Alternatively,
a microprocessor can communicate the PSON function to the
ADM1041 using the SMBus. Or the PSONLINK signal may be
used. When the PSON pin is not used as such it can be
configured as an analog input, MON3.
MON3
This is the alternative analog comparator function for the PSON
pin (Pin 16). The threshold is 1.25 V. When MON3 is selected,
PS ON defaults to off.
DC_OK (PW-OK, PWR Good, Etc.)
This output is true when all dc output voltages are within toler-
ance and goes false to signify an imminent loss of power. Timing
is discussed later. It can be configured as an open-drain N-
channel or P-channel MOSFET and as positive or negative
(inverted) logic. A pull-up or pull-down resistor is required.
This pin may be wire-ORed with the same pin on other
ADM1041 ASICs in the power supply. When the DC_OK pin is
not used as such, it can be configured as an analog input,
MON4.
MON4
This is the alternative analog comparator function for the
DC_OK pin (Pin 17). The threshold is 1.25 V.
VREF
This pin normally provides a precision 2.5 V voltage reference.
Alternatively, it can be configured as the AC_OK output or as
an analog input, MON5. A load capacitance of 1 nF (typ) is
recommended on VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com