Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 3 Page - Analog Devices

  ADM1041 Datasheet HTML 1Page - Analog Devices ADM1041 Datasheet HTML 2Page - Analog Devices ADM1041 Datasheet HTML 3Page - Analog Devices ADM1041 Datasheet HTML 4Page - Analog Devices ADM1041 Datasheet HTML 5Page - Analog Devices ADM1041 Datasheet HTML 6Page - Analog Devices ADM1041 Datasheet HTML 7Page - Analog Devices ADM1041 Datasheet HTML 8Page - Analog Devices ADM1041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ADM1041
Rev. A | Page 3 of 64
GENERAL DESCRIPTION
The ADM1041 is a secondary-side and management IC specifi-
cally designed to minimize external component counts and to
eliminate the need for manual calibration or adjustment on the
secondary-side controller. The principle application of this IC is
to provide voltage control, current share, and housekeeping
functions for single output in N+1 server power supplies.
The ADM1041 is manufactured with a 5 V CMOS process and
combines digital and analog circuitry. An internal EEPROM
provides added flexibility in the trimming of timing and voltage
and selection of various functions. Programming is done via an
SMBus serial port that also allows communication capability
with a microprocessor or microcontroller.
The usual configuration using this IC is on a one per output
basis. Outputs from the IC can be wire-ORed together or bused
in parallel and read by a microprocessor. A key feature on this
IC is support for an OrFET circuit when higher efficiency or
power density is required.
SAMPLE APPLICATION CIRCUIT DESCRIPTION
Figure 1 shows a sample application circuit using the ADM1041.
The primary side is not detailed and the focus is on the secon-
dary side of the power supply.
The ADM1041 controls the output voltage from the power
supply to the designed programmed value. This programmed
value is determined during power supply design and is digitally
adjusted via the serial interface. Digital adjustment of the
current sense and current limit is also calibrated via the serial
interface, as are all of the internal timing specifications.
The control loop consists of a number of elements, notably the
inputs to the loop and the output of the loop. The ADM1041
takes the loop inputs and determines what, if any, adjustments
are needed to maintain a stable output. To maintain a stable
loop, the ADM1041 uses three main inputs:
•
Remote voltage sense
•
Load current sense
•
Current sharing information
In this example, a resistor divider senses the output current as a
voltage drop across a sense resistor (RS) and feeds a portion
into the ADM1041. Remote local voltage sense is monitored via
VS+ and VS− pins. Finally, current sharing information is fed
back via the share bus. These three elements are summed
together to generate a control signal (VCMP), which closes the
loop via an optocoupler to the primary side PWM controller.
Another key feature of the ADM1041 is its control of an OrFET.
The OrFET causes lower power dissipation across the ORing
diode. The main function of the OrFET is to disconnect the
power supply from the load in the event of a fault occurring
during steady state operation, for example, if a filter capacitor or
rectifier fails and causes a short. This eliminates the risk of
bringing down the load voltage that is supplied by the redun-
dant configuration of other power supplies. In the case of a
short, a reverse voltage is generated across the OrFET. This
reverse voltage is detected by the ADM1041 and the OrFET is
shut down via the FG pin. This intervention prevents any
interruption on the power supply bus. The ADM1041 can then
be interrogated via the serial interface to determine why the
power supply has shut down.
This application circuit also demonstrates how temperature can
be monitored within a power supply. A thermistor is connected
between the VDD and MON2 pins. The thermistor’s voltage varies
with temperature. The MON2 input can be programmed to trip
a flag at a voltage corresponding to an overheating power supply.
The resulting action may be to turn on an additional cooling
fan to help regulate the temperature within the power supply.
RSENSE
ADM1041
PWM +
PRIMARY
DRIVER
OPTO-
COUPLER
AC PULSE
SENSE
DIFF CURRENT
SENSE
OrFET
CONTROL
ERROR
AMP
EEPROM AND
RAM AND TRIM
SMBus
CURRENT
SHARE
DIFF LOAD AND LOCAL
VOLTAGE SENSE
VOLT, TEMP MONITOR
AND FAULT DETECTION
SOFT
START
SHARE
BUS
µC
(
µC OR STANDALONE
OPERATION)
LOAD
Figure 2. Application Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com