Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 45 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 41Page - Analog Devices ADM1041 Datasheet HTML 42Page - Analog Devices ADM1041 Datasheet HTML 43Page - Analog Devices ADM1041 Datasheet HTML 44Page - Analog Devices ADM1041 Datasheet HTML 45Page - Analog Devices ADM1041 Datasheet HTML 46Page - Analog Devices ADM1041 Datasheet HTML 47Page - Analog Devices ADM1041 Datasheet HTML 48Page - Analog Devices ADM1041 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
ADM1041
Rev. A | Page 45 of 64
Table 23. Register 0Eh, Config2. Power-On Default from EEPROM Register 810Eh during Power-Up.
Bit No.
Name
R/W
Description
7–5
mn2s2, mn2s1,
mn2s0
W
b7
b6
b5
option
mfg2
Ov
uv
0
0
0
iopin = ACSENSE2
(true = high)
0
0
1
iopin = ACSENSE2
(true = high)
0
1
0
+ve ov
iopin < 1.15 V
0
0
0
iopin > 1.25 V
1
1
0
0
1
1
+ve uv
iopin < 1.25 V
0
0
1
iopin > 1.35 V
1
0
0
1
0
0
−ve ov
iopin < 1.25 V
0
1
0
iopin > 1.35 V
1
0
0
1
0
1
−ve uv
iopin < 1.15 V
0
0
0
iopin > 1.25 V
1
0
1
1
1
0
flag
iopin < 1.15 V
0
0
0
iopin > 1.25 V
1
0
0
1
1
1
flag
iopin > 1.25 V
1
0
0
iopin > 1.25 V
0
0
0
4–2
mn3s2, mn3s1,
mn3s0
R/W
b4
b3
b2
option
mfg3
ov
uv
0
0
0
iopin = PSON
(true = low)
0
0
1
iopin = PSON
(true = high)
0
1
0
+ve ov
iopin < 1.15 V
0
0
0
iopin > 1.25 V
1
1
0
0
1
1
+ve uv
iopin < 1.25 V
0
0
1
iopin > 1.35 V
1
0
0
1
0
0
−ve ov
iopin < 1.25 V
0
1
0
iopin > 1.35 V
1
0
0
1
0
1
−ve uv
iopin < 1.15 V
0
0
0
iopin > 1.25 V
1
0
1
1
1
0
flag
iopin < 1.15 V
0
0
0
iopin > 1.25 V
1
0
0
1
1
1
flag
iopin < 1.15 V
1
0
0
iopin > 1.25 V
0
0
0
1–0
pokts1, pokts0
R/W
DC_OKon_delay
b1
b0
option
0
0
400 ms
0
1
200 ms
1
0
800 ms
1
1
1600 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com