Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 13Page - Analog Devices ADM1041 Datasheet HTML 14Page - Analog Devices ADM1041 Datasheet HTML 15Page - Analog Devices ADM1041 Datasheet HTML 16Page - Analog Devices ADM1041 Datasheet HTML 17Page - Analog Devices ADM1041 Datasheet HTML 18Page - Analog Devices ADM1041 Datasheet HTML 19Page - Analog Devices ADM1041 Datasheet HTML 20Page - Analog Devices ADM1041 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
ADM1041
Rev. A | Page 17 of 64
TERMINOLOGY
Table 5.
Mnemonic
Description
POR
Power-On Reset. When VDD is initially applied to the ASIC, the POR function clears all latches and puts
the logic into a state that allows a clean start-up.
UVL
Undervoltage Lockout. This is used on VDD to prevent spurious modes of operation that might occur if
VDD is below a specific voltage.
CVMode
Constant Voltage Mode. This is the normal mode of operation of the power supply main output. The
output voltage remains constant over the whole range of current specified.
CCMode
Constant Current Mode. This mode of operation occurs when the output is overloaded until or unless
a shutdown event is triggered. The output current control level remains constant down to 0 V.
UVP
Undervoltage Protection. If the output being monitored is detected as going under voltage, the UVP
function sends a fault signal. After a delay, PEN goes false, the output is disabled, and either latch-off
or an auto-restart occurs, depending on the mode selected. The DC_OK output also goes false
immediately to show that the output is out of tolerance.
OVP
Overvoltage Protection. If the output being monitored is detected as going over voltage, the OVP
function latches and sends a fault signal, PEN goes false, and CBD goes true. The DC_OK output also
goes false immediately. OVP faults are always latching and require the cycling of PSON or VDD or
SMBus command to reset the latch.
OCP
Overcurrent Protection. If the output being monitored is detected as going over current for a certain
time, the OCP function sends out a fault signal that triggers a shutdown that can be latched or
allowed to auto-restart, depending on the mode selected. Prior to shutting down, the DC_OK output
goes false warning the system that output will be lost. The latch is the same one used for OVP. For
auto-restart, the OCP time out period is configurable.
OTP
Overtemperature Protection. If the temperature being sensed is detected as going over the selected
limit, the OTP function sends out a fault signal that triggers a shutdown that can be latched or allowed
to auto-restart depending on the mode selected. Prior to shutting down, the DC_OK output goes false
warning the system that output will be lost. The latch is the same one used for OVP.
UVB
Undervoltage Blanking. The UVP function is blanked (disabled) during power-up or if the ACSENSE
function is false (ac line voltage is low). When in constant current mode, UVB is disabled. The status of
ACSENSE must be known to the IC, either by virtue of the on-board ACSENSE or communicated by the
SMBus with the help of an external microprocessor or by using AC_OKLink. When in constant current
mode, due to an overload, UVB is applied for the overcurrent ride through period.
DC_OK
The DC_OK function advises the system on the status of the power supply. When it is false, the system
is assured of at least 1 ms of operation if ac power is lost for any reason. Other turn-off modes provide
more warning time. This pin is an open-drain output. It can be configured as a P-channel pull-up or an
N-channel pull-down. It may also be configured as positive or negative (inverted) logic.
AC_OK
The AC_OK function advises the system whether or not sufficient bulk voltage is present to allow
reliable operation. The system may choose to shut down if this pin is false. The power supply normally
tries to maintain normal operation as long as possible, although DC_OK goes false when only a
millisecond or so of operation time is left. This pin is an open-drain output. It can be configured as a
P-channel pull-up or an N-channel pull-down. It may also be configured as positive or negative
(inverted) logic.
DC_OKondelay
The DC_OK output is kept false for typically 100 ms to 900 ms during power-up.
DC_OKoffdelay
When the system is to be shut down in response to PSON going low, or in response to an OCP or OTP
event, a signal is first sent to the DC_OK output to go false as a warning that power is about to be lost.
PEN is signaled false typically 2 ms later (configurable).
Debounce Digital Noise Filter
All of the inputs to the logic core are first debounced or digitally filtered to improve noise immunity.
The debounce period for OV events is in the order of 16 µs, for UV events it is 450 µs, and for PSON it is
typically 80 ms (configurable).
ACSENSE1
A voltage from the secondary of the power transformer, which can provide an analog of the bulk
supply, is rectified and lightly filtered and measured by the ac sense function. At start-up, if this
voltage is adequate, this function signals the end user system that it is okay to start. If a brown-out
occurs or ac power is removed, this function can provide early warning that power is about to be lost
and allow the system to shut down in an orderly manner. While ACSENSE is low, UVB is enabled, which
means undervoltage protection is not initiated. If ac power is so low that the converter cannot
continue to operate, other protection circuits on the primary side normally shut down the converter.
When an adequate voltage level is resumed, a power-up cycle is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com