Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 40 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 36Page - Analog Devices ADM1041 Datasheet HTML 37Page - Analog Devices ADM1041 Datasheet HTML 38Page - Analog Devices ADM1041 Datasheet HTML 39Page - Analog Devices ADM1041 Datasheet HTML 40Page - Analog Devices ADM1041 Datasheet HTML 41Page - Analog Devices ADM1041 Datasheet HTML 42Page - Analog Devices ADM1041 Datasheet HTML 43Page - Analog Devices ADM1041 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ADM1041
Rev. A | Page 40 of 64
EXTENDED SMBus ADDRESSING
A potential problem exists when using more than three
ADM1041s in a single power supply. The first time the device is
powered up, Bit 1 of Configuration Register 1 (ADD1) is 0. This
means that only three device addresses are initially available
defined by ADD0; if there are more than three devices in a
system, two or more of them will have duplicate addresses. See
Figure 38.
To overcome this problem, the ICT pin has additional function-
ality. Taking ICT below GND temporarily disables the SMBus
function of the device. Thus, if the ICT pin of all devices in
which ADD1 is to remain 0 are taken negative, the ADD1 bits of
all other devices can be set to 1 via the SMBus. Each device then
has a unique address. Internal diodes clamp the negative voltage
to about 0.6 V, and care should be taken to limit the current to
less than approximately 5 mA on each ICT input to prevent the
possibility of damage or latch-up. The suggested current is
3 mA. One example of a suitable circuit is given in Figure 38. The
ADM1041s can then be configured and trimmed. If required,
AC_OKLink and PSONLINK must be configured last. If ICT is
used for its intended purpose as a current transformer input,
care must be taken with the circuit design to allow the extended
SMBus addressing to work.
BACKDOOR ACCESS
After SCL and SDA have been configured as AC_OKLink and
PSONLINK, it may be desired to recover the SMBus access to the
ADM1041. Changes may be necessary to the internal configura-
tion or trim bits. This is achieved by holding the SCL and SDA
pins at 0 V (ground) while cycling VDD. SCL and SDA then
revert to SMBus operation. See Figure 38.
ADD1 = 1
ADD1 = 0
2.4mA
8
13
14
15
8
13
14
15
8
13
14
15
8
13
14
15
8
13
14
15
8
13
14
15
VDD
–12V
EXTENDED
SMBus
ADDRESSING
BACKDOOR
DEVICE 0
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
VDD
N/C
4k
Ω
4k
Ω
4k
Ω
N/C
PSONLink
AC_OKLink
VDD
ICT
SCL
SDA
ADD0
ICT
SCL
SDA
ADD0
ICT
SCL
SDA
ADD0
ICT
SCL
SDA
ADD0
ICT
SCL
SDA
ADD0
ICT
SCL
SDA
ADD0
Figure 38. Extended SMBus Addressing and Backdoor Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com