Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 37 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 33Page - Analog Devices ADM1041 Datasheet HTML 34Page - Analog Devices ADM1041 Datasheet HTML 35Page - Analog Devices ADM1041 Datasheet HTML 36Page - Analog Devices ADM1041 Datasheet HTML 37Page - Analog Devices ADM1041 Datasheet HTML 38Page - Analog Devices ADM1041 Datasheet HTML 39Page - Analog Devices ADM1041 Datasheet HTML 40Page - Analog Devices ADM1041 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
ADM1041
Rev. A | Page 37 of 64
In the ADM1041, the send byte protocol is used to write a
register address to RAM for a subsequent single-byte read from
the same address or block read or write starting at that address.
This is illustrated in Figure 30.
SLAVE
ADDRESS
S
RAM
ADDRESS
(00h TO 7Fh)
W A
A P
45
6
2
13
Figure 30. Setting a RAM Address for Subsequent Read
If it is required to read data from the RAM immediately after
setting up the address, the master can assert a repeat start
condition immediately after the final ACK and carry out a
single-byte read, block read, or block write operation without
asserting an intermediate stop condition.
Write Byte/Word
In this operation, the master device sends a command byte and
one or two data bytes to the slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code.
5.
The slave asserts ACK on SDA.
6.
The master sends a data byte.
7.
The slave asserts ACK on SDA.
8.
The master sends a data byte (or may assert stop at this
point).
9.
The slave asserts ACK on SDA.
10. The master asserts a stop condition on SDA to end the
transaction.
In the ADM1041, the write byte/word protocol is used for the
following three purposes. The ADM1041 knows how to respond
by the value of the command byte.
•
Write a single byte of data to RAM. In this case, the
command byte is the RAM address from 00h to 7Fh and
the (only) data byte is the actual data. This is illustrated in
Figure 31.
SLAVE
ADDRESS
S
DATA
W A
A P
A
67
8
5
2
13
RAM
ADDRESS
(00h TO 7Fh)
4
Figure 31. Single-Byte Write to RAM
•
Set up a 2-byte EEPROM address for a subsequent read or
block read. In this case, the command byte is the high byte
of the EEPROM address (80h). The (only) data byte is the
low byte of the EEPROM address. This is illustrated in
Figure 32.
SLAVE
ADDRESS
S
EEPROM
ADDRESS
HIGH BYTE
(80h OR 81h)
EEPROM
ADDRESS
LOW BYTE
(00h TO FFh)
W
A P
A
A
67
8
5
2
14
3
Figure 32. Setting an EEPROM Address
If it is required to read data from the EEPROM immedi-
ately after setting up the address, the master can assert a
repeat start condition immediately after the final ACK and
carry out a single-byte read or a block read without
asserting an intermediate stop condition.
•
Write a single byte of data to EEPROM. In this case, the
command byte is the high byte of the EEPROM address,
80h or 81h. The first data byte is the low byte of the
EEPROM address and the second data byte is the actual
data. Bit 1 of EEPROM Register 3 must be set. This is
illustrated in Figure 33.
SLAVE
ADDRESS
S
EEPROM
ADDRESS
HIGH BYTE
(80h OR 81h)
EEPROM
ADDRESS
LOW BYTE
(00h TO FFh)
W A
A P
A
5
A
69 10
7
2
14
3
DATA
8
Figure 33. Single-Byte Write to EEPROM
If it is required to read data from the ASIC immediately after
setting up the address, the master can assert a repeat start
condition immediately after the final ACK and carry out a
single-byte read, block read, or block write operation without
asserting an intermediate stop condition.
Block Write
In this operation, the master device writes a block of data to a
slave device. Programming an EEPROM byte takes approximately
300 µs, which limits the SMBus clock for repeated or block write
operations. The start address for a block write must have been
set previously. In the case of the ADM1041, this is done by a
send byte operation to set a RAM address or by a write byte/
word operation to set an EEPROM address.
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code that tells the slave
device to expect a block write. The ADM1041 command
code for a block read is A0h (10100000).
5.
The slave asserts ACK on SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com