Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 23Page - Analog Devices ADM1041 Datasheet HTML 24Page - Analog Devices ADM1041 Datasheet HTML 25Page - Analog Devices ADM1041 Datasheet HTML 26Page - Analog Devices ADM1041 Datasheet HTML 27Page - Analog Devices ADM1041 Datasheet HTML 28Page - Analog Devices ADM1041 Datasheet HTML 29Page - Analog Devices ADM1041 Datasheet HTML 30Page - Analog Devices ADM1041 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
ADM1041
Rev. A | Page 27 of 64
PULSE/ACSENSE2
When configured, PULSE and ACSENSE monitor the output of
the power main transformer. See Figure 16.
PULSE
Providing the output of the pulse function (PULSE_OK) is
high, the FET in the ORing circuit can be turned on. If the
pulses stop for any reason, about 1 second later the PULSE_OK
goes low and the OrFET drive is disabled. This delay allows
passage of all expected pulse skipping modes that might occur
in no load or very light load situations. See Figure 16.
ACSENSE
This is rarely used to measure directly the ac input to the supply.
ACSENSE1 or ACSENSE2 are usually used to indirectly measure the
voltage across the bulk capacitor so that the system can be
signaled that power is normal. Also if power is actually lost,
ACSENSE represents when just enough energy is left for an orderly
shutdown of the power supply. See Figure 16.
The ac sense function monitors the amplitude of the incoming
pulse and, if sufficiently high, generates a flag to indicate ac, or
strictly speaking, the voltage on the bulk capacitor, is okay. Since
the envelope of the pulse has a considerable amount of 100 Hz
ripple, hysteresis is available on this input pin. Internally there is
a 20 µA to 80 µA current sink. With a 909R external thevenin
resistance, this current range translates to a voltage hysteresis of
200 mV to 500 mV. The internal hysteresis current is turned off
when the voltage exceeds the reference on the comparator. This
form of hysteresis allows simple scaling to be implemented by
changing the source impedance of the pulse conditioning
circuit. Some trimming of hysteresis and threshold voltage is
provided. The ac sense function can be configured to be derived
from ACSENSE2 rather than ACSENSE1. This allows a separate dc
input from various locations to be used to generate AC_OK for
better flexibility or accuracy.
AC_OK
1.5V
0.525V
PULSE
ACSENSE1
ACSENSE2
SELECT
ACSENSE
5.3k
Ω
5.3k
Ω
TRIM
HYSTERESIS
PULSEOK
TO OrFET SOURCE
TO CURRENT
SENSE RESISTOR
AND OrFET GATE
S
Q
R
S
Q
R
CLK
1 SEC
Q
R
10
9
CLK
1 mS
Q
R
Figure 16. Pulse In and AC Sense Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com