Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 45Page - Analog Devices ADM1041 Datasheet HTML 46Page - Analog Devices ADM1041 Datasheet HTML 47Page - Analog Devices ADM1041 Datasheet HTML 48Page - Analog Devices ADM1041 Datasheet HTML 49Page - Analog Devices ADM1041 Datasheet HTML 50Page - Analog Devices ADM1041 Datasheet HTML 51Page - Analog Devices ADM1041 Datasheet HTML 52Page - Analog Devices ADM1041 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ADM1041
Rev. A | Page 49 of 64
Table 32. Register 17h, Current Sense Option 2. Power-On Default from EEPROM Register 8117h during Power-Up.
Bit No.
Name
R/W
Description
7
csense_mode
R/W
0 = DIFFSENSE (current sense with external resistor).
1 = CTSENSE (current transformer).
6
chopper
R/W
When chopper = 1, current sense amplifier is configured as a chopper.
Otherwise, current sense amplifier is continuous time.
5
ct_range
R/W
Gain
Range
0 = 4.5
0.45 V–0.68 V
1 = 2.57
0.79 V–1.20 V
4
select_gnd_offset
R/W
0: ground offset = 100 mV; ISHARE error amp, offset = 50 mV.
1: ground offset = 0; ISHARE error amp offset = 0.
3
Reserved
X
Don’t Care.
2–0
os_dc_range
R/W
Internal Sense Amp Offset Trim Range for Differential Current Sense
b2
b1
b0
Range
Gain
0
0
0
−8 mV
−1
0
0
1
−15 mV
−2
0
1
0
−30 mV
−4
1
0
0
+8 mV
+1
1
0
1
+15 mV
+2
1
1
0
+30 mV
+4
Table 33. Register 18h, UV Clamp Trim. Power-On Default from EEPROM Register 8118h during Power-Up.
Bit No.
Name
R/W
Description
7–0
uv_clamp
R/W
This register contains the false UV clamp settings.
Table 34. Register 19h, Load Voltage Trim. Power-On Default from EEPROM Register 8119h during Power-Up.
Bit No.
Name
R/W
Description
7–0
load_v
R/W
This register contains the set load voltage trim settings.
Table 35. Register 1Ah, Sel CBD/SMBAlert1. Power-On Default From EEPROM Register 811Ah during Power-Up.
Bit No.
Name
R/W
Description
7
selcbd1 <7>
R/W
ovfault
6
selcbd1 <6>
R/W
uvfault
5
selcbd1 <5>
R/W
ocpto (ridethrough timed out, ocpf flag)
4
selcbd1 <4>
R/W
acsnsb (inverted)
3
selcbd1 <3>
R/W
ocpf
2
selcbd1 <2>
R/W
otp (MON5 OV)
1
selcbd1 <1>
R/W
orfetokb (inverted)
0
Selcbd1 <0>
R/W
Share_OKb (inverted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com