Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 12Page - Analog Devices ADM1041 Datasheet HTML 13Page - Analog Devices ADM1041 Datasheet HTML 14Page - Analog Devices ADM1041 Datasheet HTML 15Page - Analog Devices ADM1041 Datasheet HTML 16Page - Analog Devices ADM1041 Datasheet HTML 17Page - Analog Devices ADM1041 Datasheet HTML 18Page - Analog Devices ADM1041 Datasheet HTML 19Page - Analog Devices ADM1041 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ADM1041
Rev. A | Page 16 of 64
Pin No.
Mnemonic
Description
21
VS+
This pin is the positive remote load voltage sense input and is normally divided down from the power
supply output voltage to 2.0 V at no load using an external voltage divider. The input impedance is
high.
22
SCMP
Output of the Current Share Transconductance Error Amplifier. Compensation is a series capacitor and
resistor to ground. While VDD is normal and PEN is false, this pin is clamped to ground. When the
converter is enabled (PEN true) and the clamp is released, the compensation capacitor charges
providing a slow walk-in. The error amplifier input has a built-in bias so that all slaves in a parallel
supply system do not compete with the master for control of the share bus.
23
SHRS+
Current Share Sense. This is the noninverting input of a differential sense amplifier looking at the
voltage on the share bus. For testing purposes, this pin is normally connected to SHRO. Calibration
always expects this pin to be at 2.0 V with respect to SHRS–/VS–. If a higher share voltage is required, a
resistor divider from SHRO or an additional gain stage, as shown in the application notes, must be
used.
24
SHRO
Current Share Output. This output is capable of driving the share bus of several power supplies
between 0 V and VDD – 0.4 V (10 kΩ bus pull-down in each supply). Where a higher share bus voltage is
required, an external amplifier is necessary. The current share output from the supply which, when
bused with the share output of other power supplies working in parallel, allows each of the supplies
to contribute essentially equal currents to the load.
Table 4. Default Pin States during EEPROM Download
Pin No.
Mnemonic
State
11
CBD
High impedance (Hi-Z) at power-up and until the end of the EEPROM download (approximately 20 ms).
This pin is reconfigured at the end of the EEPROM download.
12
PEN
High impedance (Hi-Z) at power-up and until the end of the EEPROM download (approximately 20 ms).
This pin is reconfigured at the end of the EEPROM download.
17
DC_OK
Active low (low if DC_OK true) at power-up.
This pin is reconfigured during the EEPROM download.
18
AC_OK
Active low (low if DC_OK true) at power-up.
This pin is reconfigured during the EEPROM download.
19
FG
High impedance (Hi-Z) at power-up and until the end of the EEPROM download (approximately 20 ms).
This pin is reconfigured at the end of the EEPROM download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com