Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 6Page - Analog Devices ADM1041 Datasheet HTML 7Page - Analog Devices ADM1041 Datasheet HTML 8Page - Analog Devices ADM1041 Datasheet HTML 9Page - Analog Devices ADM1041 Datasheet HTML 10Page - Analog Devices ADM1041 Datasheet HTML 11Page - Analog Devices ADM1041 Datasheet HTML 12Page - Analog Devices ADM1041 Datasheet HTML 13Page - Analog Devices ADM1041 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ADM1041
Rev. A | Page 10 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Reverse Voltage Detector Turn-Off Threshold
VCS− = 2 V for threshold specs
100
mV
Reg 03h[7:6] = 00. See Table 12.
150
mV
Reg 03h[7:6] = 01. See Table 12.
200
mV
Reg 03h[7:6] = 10. See Table 12.
250
mV
Reg 03h[7:6] = 11. See Table 12.
Reverse Voltage Detector Turn-On Threshold
VCS− = 2 V for threshold specs
20
mV
Reg 03h[5:4] = 00. See Table 12.
30
mV
Reg 03h[5:4] = 01. See Table 12.
40
mV
Reg 03h[5:4] = 10. See Table 12.
50
mV
Reg 03h[5:4] = 11. See Table 12.
FD Input Impedance
500
kΩ
FS Input Impedance
20
kΩ
ACSENSE1/ACSENSE2 COMPARATOR
Reg 12h[2] = 0
Reg 0Dh[3:2] = 00. See Table 22 .
(AC or Bulk Sense)
Reg 12h[2] = 1
Reg 0Eh[7:6] = 00. See Table 23.
Threshold Voltage
1.25
V
Threshold Adjust Range
1.10
1.40
V
Min: DAC = 0
Max: DAC = Full Scale
Threshold Trim Step
0.8
%
1.10 ≤ VTRIM ≤ 1.4 V
10
mV
5 bits, 31 steps
Reg 0Ch[7:3]. See Table 21.
Hysteresis Adjust Range
200−550
mV
VACSENSE > 1 V, RTHEVENIN = 909R
Hysteresis Trim Step
50
mV
200 ≤ VTRIM ≤ 550 mV. 7 steps
Reg 0Ch[2:0]. See Table 21.
Noise Filter
0.6
1
1.2
ms
PULSE-IN
Threshold Voltage
0.525
V
PULSE_OK On Delay
1
µs
PULSE_OK Off Delay
0.8
1
1.2
s
OSCILLATOR
−5
+5
%
Unless otherwise specified
OCP
OCP Threshold Voltage2
0.3
0.5
0.7
V
Force CCMP for drop in VCMP
Reg 11h[2] = 0. See Table 26.
OCP Shutdown Delay Time (Continuous
Period in Current Limit)
1
s
Reg 12h[4:3] = 00. See Table 27.
2
s
Reg 12h[4:3] = 01. See Table 27.
3
s
Reg 12h[4:3] = 10. See Table 27.
4
s
Reg 12h[4:3] = 11. See Table 27.
OCP Fast Shutdown Delay Time
0
100
ms
Reg 11h[2] = 1. See Table 26.
VCCMP = 1.5 V
MON1, MON2, MON3, MON4
Sense Voltage
1.21
1.25
1.29
V
Hysteresis
0.1
V
OVP Noise Filter
5
25
µs
UVP Noise Filter
300
600
µs
OTP (MON5)
Reg 0Fh[4:2] = 01x or 10x. Table 24.
Sense Voltage Range
2.2
2.45
V
OTP Trim Step
24
mV
2.1 ≤ VTRIM ≤ 2.45 V
4 bits, 15 steps, Reg 0Bh[7:4].
See Table 20.
Hysteresis
100
130
160
µA
VOTP = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com