Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 10Page - Analog Devices ADM1041 Datasheet HTML 11Page - Analog Devices ADM1041 Datasheet HTML 12Page - Analog Devices ADM1041 Datasheet HTML 13Page - Analog Devices ADM1041 Datasheet HTML 14Page - Analog Devices ADM1041 Datasheet HTML 15Page - Analog Devices ADM1041 Datasheet HTML 16Page - Analog Devices ADM1041 Datasheet HTML 17Page - Analog Devices ADM1041 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
ADM1041
Rev. A | Page 14 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM1041
TOP VIEW
(Not to Scale)
VDD 1
VLS/CS–/FS 2
CS+ 3
CCMP 4
VCMP 5
SHRO
SHRS+
SCMP
VS+
VS–/SHRS–
24
23
22
21
20
FD 6
GND
7
ICT
8
PULSE/ACSENSE1/MON1 9
FG
VREF/AC_OK/OTP/MON5
DC_OK/MON4
PSON/MON3
19
18
17
16
ACSENSE2/MON2 10
CBD/ALERT 11
PEN 12
ADD0
SDA/PSONLINK
SCL/AC_OKLink
15
14
13
Figure 7. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Supply for the ASIC. Normal range is 4.5 V to 5.5 V. Absolute maximum rating is 6.5 V.
2
VLS/CS–/FS
Inverting Differential Current Sense Input, Local Voltage Sense Pin, and OrFET Source. These three
functions are served by a common divider. The local voltage sense input is used for local overvoltage
and undervoltage sensing. This pin also provides an input to the false UV clamp that prevents
shutdown during an external load overvoltage condition. When supporting an OrFET circuit, this pin
represents the FET source and is the inverting input of a differential amplifier looking for the presence
of a reverse voltage across the FET, which might indicate a failure mode.
3
CS+
Noninverting Differential Current Sense Input. The differential sensitivity of CS+ and CS– is normally
around 10 mV to 40 mV at the input to the ASIC. Nulling any external divider offset is achieved by
injecting a trimmable amount of current into either the inverting or noninverting input of the second
stage of the current sense amplifier. A compensation circuit is used to ensure the amount of current
for zero-offset tracks the common-mode voltage. Nulling of any amplifier offset is done in a similar
manner except that it does not track the common-mode voltage.
4
CCMP
Current Error Amplifier Compensation. This pin is the output of the current limit transconductance
error amplifier. A series resistor and a capacitor to ground are required for loop compensation.
5
VCMP
Voltage Error Amplifier Compensation. This is the output of a voltage error transconductance
amplifier. Compensate with a series capacitor and resistor to ground. An external emitter-follower or
buffer is typically used to drive an optocoupler. Output voltage positioning may be obtained by
placing a second resistor directly to ground. Refer to Analog Devices applications notes on voltage
positioning.
6
FD
A divider from the OrFET drain is connected here. A differential amplifier is then used to detect the
presence of a reverse voltage across the FET, which indicates a fault condition and causes the OrFET
gate to be pulled low.
7
GND
Ground. This pin is double bonded for extra reliability. If the ground pin goes positive with respect to
the remote sense return (VS–) for a sustained period indicating that the negative remote sense line is
disconnected, PEN will be disabled.
8
ICT
Input for Current Transformer. The sensitivity of this pin is suitable for the typical 0.5 V to 1 V signal
that is normally available. If this function is enabled, the CS+ amplifier is disabled. This pin is also used
for extended SMBus addressing, i.e., pulled below ground to allow additional SMBus addresses.
9
PULSE/ACSENSE1/MON1
Pulse Present, AC/Bulk Sense 1, or Monitor 1 Input.
PULSE: This tells the OrFET circuit that the voltage from the power transformer is normal. A peak hold
allows the OrFET circuit to pass through the pulse skipping that occurs with very light loads but turns
off the circuit about one second after the last pulse is recognized.
ACSENSE1: This sense function also uses the peak voltage on this pin to measure the bulk capacitor
voltage. If too low, AC_OK and DC_OK can warn of an imminent loss of power. Threshold level and
hysteresis can be trimmed. When not selected, ACSENSE1 defaults to true.
MON1: When MON1 is selected for this pin, its input is compared against a 1.25 V comparator that
could be used for monitoring a post regulated output; includes overvoltage, undervoltage, and
overtemperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com