Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 14Page - Analog Devices ADM1041 Datasheet HTML 15Page - Analog Devices ADM1041 Datasheet HTML 16Page - Analog Devices ADM1041 Datasheet HTML 17Page - Analog Devices ADM1041 Datasheet HTML 18Page - Analog Devices ADM1041 Datasheet HTML 19Page - Analog Devices ADM1041 Datasheet HTML 20Page - Analog Devices ADM1041 Datasheet HTML 21Page - Analog Devices ADM1041 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
ADM1041
Rev. A | Page 18 of 64
Mnemonic
Description
Pulse_OK
As well as providing ac sense, the preceding connection to the transformer is used to gate the
operation of the OrFET circuit. If the output of the transformer is good and has no problems, the
OrFET circuit allows gate drive to the OrFET.
AC Hysteresis
AC Sense Hysteresis. Configurable voltage on the ac sense input allows the ac sense upper and lower
threshold to be adjusted to suit different amounts of low frequency ripple present on the bulk
capacitor.
ACSENSE2
An alternate form of ac sense can be accepted by the ASIC. This may in the form of an opto-coupled
signal from the primary side where the actual level sensing might be done. As with the above, while
ac is low and UVB is disabled, AC_OK is false and DC_OK is true. Any brownout protection that might
be required on the primary is done on the primary side.
Soft-start
At start-up, the voltage reference to the voltage error amplifier is brought up slowly in approximately
127 steps to provide a controlled rate of rise of the output voltage.
VDD–OVP
An OVP fault on the auxiliary supply to the ASIC causes a standard OVP operation (see the OVP
function).
VDD–UVL
A UVL fault on the auxiliary supply to the IC causes a standard UVP operation (see the UVP function).
AutoRestart Mode
In this mode, the housekeeping circuit attempts to restart the supply after an undervoltage event at
about 1 second intervals. No other fault can initiate auto-restart.
VREF–MON
The internal precision reference is monitored by a separate reference for overvoltage and allows truly
redundant OVP. The externally available reference is also monitored for an undervoltage that would
indicate a short on the pin.
GND–MON
The internal ASIC ground is constantly monitored against the remote sense negative pin. If the chip
ground goes positive with respect to this pin, it indicates that the chip ground is open-circuit either
inside the ASIC or the external wiring. The ASIC would be latched off, similar to an OV event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com