Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 2Page - Analog Devices ADM1041 Datasheet HTML 3Page - Analog Devices ADM1041 Datasheet HTML 4Page - Analog Devices ADM1041 Datasheet HTML 5Page - Analog Devices ADM1041 Datasheet HTML 6Page - Analog Devices ADM1041 Datasheet HTML 7Page - Analog Devices ADM1041 Datasheet HTML 8Page - Analog Devices ADM1041 Datasheet HTML 9Page - Analog Devices ADM1041 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ADM1041
Rev. A | Page 6 of 64
SPECIFICATIONS
TA = –40 to +85°C, VDD = 5 V ± 10%, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES
VDD
4.5
5.0
5.5
V
IDD, Current Consumption
6
10
mA
Peak IDD, during EEPROM Erase Cycle1, 2
40
mA
UNDERVOLTAGE LOCKOUT, VDD
See Figure 9.
Start-Up Threshold
4
4.3
4.5
V
Stop Threshold
3.7
4
4.2
V
Hysteresis
0.3
V
VREF, 2.5 VREFOUT
Reg 0Fh[4:2] = 111. See Table 24.
Output Voltage
2.49
2.50
2.51
V
IREF = 1 mA, TA = 25°C
Line Regulation
–5
0
+5
mV
4.5 V ≤ VDD ≤ 5.5 V
Load Regulation
–5
0
+5
mV
0 mA ≤ IREF ≤ 2 mA
Temperature Stability2
±100
ppm/°C
IREF = 1 mA
Long-Term Stability2
±5
mV
Over 1,000 hr, TJ = 125°C
Current Limit
10
20
mA
VREF = 2.4 V
Output Resistance2
0.5
Ω
Load Capacitance
1
nF
Recommended for stability
Ripple Due to Autozero2
±5
mV p-p
VREF refreshed at 30 kHz
POWER BLOCK PROTECTION
VDD Overvoltage
5.8
6.2
6.5
V
VDD Overvoltage Debounce
10
20
µs
Latching
VREF Overvoltage
2.9
V
Internal
VREFOUT Undervoltage
2.1
V
External
Open Ground
0.1
0.2
0.35
V
VGND positive with respect to VS−
Debounce
100
200
µs
VDDOK
POWER-ON RESET
DC Level
1.5
2.2
2.75
V
VDD rising
DIFFERENTIAL LOAD VOLTAGE SENSE INPUT,
(VS−, VS+)
See Figure 6. VNOM = (VS+ – VS−)
VNOM is typically 2 V
VS− Input Voltage
0.5
V
Voltage on Pin 20
VS+ Input Voltage
VDD – 2
V
Voltage on Pin 21
VS− Input Resistance
35
kΩ
VS+ Input Resistance
500
kΩ
VNOM Adjustment Range
1.7 to 2.3
V
Set Load Voltage Trim Step
0.10 to 0.14
%
1.7 V ≤ VNOM ≤ 2.3 V typ
1.74 –> 3.18
mV
8 bits, 255 steps
Reg 19h[7:0]. See Table 34
Set Load Overvoltage Trim Range
105 to 120
%
1.7 V ≤ VNOM ≤ 2.3 V min
Set Load Overvoltage Trim Step
0.09
%
8 bits, 255 step/s
1.6
mV
Reg 08h[7:0]. See Table 17.
VS+ = 2.24 V
Recover from Load OV False to FG True
100
µs
Reg 03h[1:0] = 00. See Table 12.
200
µs
Reg 03h[1:0] = 01. See Table 12.
300
µs
Reg 03h[1:0] = 10. See Table 12.
400
µs
Reg 03h[1:0] = 11. See Table 12.
Operate Time from Load OV to FG False
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com