Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 15Page - Analog Devices ADM1041 Datasheet HTML 16Page - Analog Devices ADM1041 Datasheet HTML 17Page - Analog Devices ADM1041 Datasheet HTML 18Page - Analog Devices ADM1041 Datasheet HTML 19Page - Analog Devices ADM1041 Datasheet HTML 20Page - Analog Devices ADM1041 Datasheet HTML 21Page - Analog Devices ADM1041 Datasheet HTML 22Page - Analog Devices ADM1041 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
ADM1041
Rev. A | Page 19 of 64
THEORY OF OPERATION
POWER MANAGEMENT
This block contains VDD undervoltage lockout circuitry and a
power-on/reset function. It also provides precision references
for internal use and a buffered reference voltage, VREF. If VREF is
configured to an output pin, overloading, shorting to ground, or
shorting to VDD do not effect the internal references. See Figure 8.
During power-on, VREF does not come up until VDD exceeds the
upper UVL threshold. Housekeeping functions in this block
include reference voltage monitors, VDD overvoltage, and a
ground fault detector.
The ground fault detector monitors ADM1041 ground with
respect to the remote sense pin VS−. If GND becomes positive
with respect to VS− an on-chip signal, VDDOK, goes false. VDDOK
is true only when all the following conditions are met: ground is
negative with respect to VS−, INTREF and EXTREF are operating
normally, VDD > UVLHI, and VDD < VDD OVP threshold.
GAIN TRIMMING AND CONFIGURATION
The various gain settings and configurations throughout the
ADM1041 are digitally set up via the SMBus after it has been
loaded onto its printed circuit board. There is no need for
external trim potentiometers. An initial adjustment process
should be carried out in a test system. Other adjustments such
as current sense and voltage calibration should be carried out in
the completed power supply.
POR
RESET
VDDOK
VDDOV
1.25V
2.5V
UVLLO
UVLHI
OVP
GNDOK
GROUND
MONITOR
10
µs–20µs
6.0V–6.5V
4.4V
4.0V
2.0V
VREF
VDD
VS–
GND
0.2V
AUXILIARY
REFERENCE
EXTREFOK
REFERENCE
MONITOR
INTREFOK
INTERNAL
REFERENCE
gndok_dis
MAIN
BAND GAP
7
20
1
18
SQ
RQ
S
RQ
Figure 8. Block Diagram of Power Management Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com