Electronic Components Datasheet Search
  English  ▼

X  

ADM1041 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 1 Page - Analog Devices

  ADM1041 Datasheet HTML 1Page - Analog Devices ADM1041 Datasheet HTML 2Page - Analog Devices ADM1041 Datasheet HTML 3Page - Analog Devices ADM1041 Datasheet HTML 4Page - Analog Devices ADM1041 Datasheet HTML 5Page - Analog Devices ADM1041 Datasheet HTML 6Page - Analog Devices ADM1041 Datasheet HTML 7Page - Analog Devices ADM1041 Datasheet HTML 8Page - Analog Devices ADM1041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Secondary-Side Controller with
Current Share and Housekeeping
ADM1041
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
PRODUCT FEATURES
Digital calibration via internal EEPROM
Supports SSI specification
Comprehensive fault detection
Reduced component count on secondary side
Standalone or microcontroller control
SECONDARY-SIDE FEATURES
Generates error signal for primary-side PWM
Output voltage adjustment and margining
Current sharing
Current limit adjustment
OrFET control
Programmable soft-start slew rate
Standalone or microcontroller operation
Differential load voltage sense
AC mains undervoltage detection (ac sense)
Overvoltage protection
INTERFACE AND INTERNAL FEATURES
SMBus interface (I2C compatible)
Low-drift precision 2.5 V reference
Voltage error amplifier
Differential current sense
Sense resistor or current transformer option
Overvoltage protection
Undervoltage protection
Overcurrent protection
Overtemperature protection
Start-up undervoltage blanking
Programmable digital debounce and delays
352-byte EEPROM available for field data
160-byte EEPROM for calibration
Ground continuity monitoring
APPLICATIONS
Network servers
Web servers
Power supply control
PWM
CONTROLLER
VDD
VDD
BIAS
MICRO-
CONTROLLER
VDD
VOUT
GND
OrFET
RLOAD
VDD
VS+
VS–
VOUT
SHARE BUS
THERMISTOR
VDD
CS–/VLS
CCMP
VCMP
ICT
PULSE
MON2
CBD
PEN
GND
SCL
SHRO
SHRS
FG
FD
AC_OK
DC_OK
PSON
ADD0
SDA
ADM1041
ISOLATION BARRIER
OTP
VDD
VDD
OPTIONAL
CS+
VS+
VS–
SCMP
RS
Figure 1. Typical Application Circuit


Similar Part No. - ADM1041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
Secondary Side Average Current Mode Controller
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
Secondary Side Housekeeping Circuit
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
Texas Instruments
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
logo
Analog Devices
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com