Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 25Page - NXP Semiconductors OM8373 Datasheet HTML 26Page - NXP Semiconductors OM8373 Datasheet HTML 27Page - NXP Semiconductors OM8373 Datasheet HTML 28Page - NXP Semiconductors OM8373 Datasheet HTML 29Page - NXP Semiconductors OM8373 Datasheet HTML 30Page - NXP Semiconductors OM8373 Datasheet HTML 31Page - NXP Semiconductors OM8373 Datasheet HTML 32Page - NXP Semiconductors OM8373 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
2004 Jan 15
29
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
• SFR flags indicating reception of US Line 21 Data
Services.
Analogue to Digital Converter
The CVBS input is passed through a differential to single
ended converter (DIVIS), although in this device it is used
in single ended configuration with a reference.The
analogue output of DIVIS is converted into a digital
representation by a full flash ADC with a sampling rate of
12MHz.
Multi Rate Video Input Processor
The multi rate video input processor is a Digital Signal
Processor designed to extract the data and recover the
clock from the digital CVBS signal.
Data Standards
The data and clock standard that can be recovered is
shown in Table 8 below:-
Data Capture Timing
The Data Capture timing section uses the Synchronisation
information extracted from the CVBS signal to generate
the required Horizontal and Vertical reference timings.
The timing section automatically recognises and selects
the appropriate timings for either 625 (50Hz)
synchronisation or 525 (60Hz) synchronisation. A flag
TXT12.Video Signal Quality is set when the timing section
is locked correctly to the incoming CVBS signal. When
TXT12.Video Signal Quality is set another flag
TXT12.625/525 SYNC can be used to identify the
standard.
Acquisition
Closed Caption Acquisition
The US Closed Caption data is transmitted on line 21 (525
line timings) and is used for Captioning information, Text
information and Extended Data Services. Closed Caption
data is only acquired when TXT21.CC ON bit is set.
Two bytes of data are stored per field in SFRs, the first bye
is stored in CCDAT1 and the second byte is stored in
CCDAT2. The value in the CCDAT registers are reset to
00h at the start of the Closed Caption line defined by
CCLIN.CS<4:0>. At the end of the Closed Caption line an
interrupt is generated if IE.ECC is active.
The processing of the Closed Caption data to convert into
a displayable format is performed by Software.
DISPLAY
The display section is based on the requirements for US
Closed Caption. There are some enhancements for use
with locally generated On-Screen Displays.
The display section reads the contents of the Display
memory and interprets the control/character codes. Using
this information and other global settings, the display
produces the required RGB signals and Video/Data (Fast
Blanking) signal for the TV signal processing.
The display is synchronised to the TV signal processing by
way of Horizontal and Vertical sync signals generated
within the TV processor. From these signals all display
timings are derived.
Display Features
• US Closed Caption features and Enhanced OSD
modes.
• Normal, Double Height, Double Width and Double size
characters.
• Scrolling of display region.
• Variable flash rate controlled by software.
• Globally selectable scan lines per row 9/10/13/16/18.
• Globally selectable character matrix (HxV) 12x9, 12x10,
12x13, 12x16, 12x18, 16x9, 16x10, 16x13, 16x16 and
16x18.
• Globally selectable horizontal and vertical character
spacing.
• Italics, Underline and Overline.
• Soft Colours using CLUT with 64 colour palette.
• Fringing (Shadow) selectable from N-S-E-W direction.
• Fringe colour selectable.
• Contrast reduction of defined area.
• Cursor.
• Special Graphics characters with two planes, allowing
four colours per character.
• 16 Software re-definable On-Screen Display characters.
Display Configuration
The display section can be configured as a maximum of 16
rows with up to 48 characters per row. Both the Character
matrix, and TV lines per row can be defined. There is an
option of 9, 10, 13, 16 & 18 TV lines per display row, and
a Character matrix (HxV) of 12x9, 12x10, 12x13, 12x16,
12x18, 16x9, 16x10, 16x13, 16x16 & 16x18. Additionally,
up to 4 pixels of character spacing may be introduced
between characters in the horizontal direction and up to 7
TV lines may be inserted between display rows.
Data Standard
Clock Rate
Closed Caption
500 KHz
Table 8
Data Slicing Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com