Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 24Page - NXP Semiconductors OM8373 Datasheet HTML 25Page - NXP Semiconductors OM8373 Datasheet HTML 26Page - NXP Semiconductors OM8373 Datasheet HTML 27Page - NXP Semiconductors OM8373 Datasheet HTML 28Page - NXP Semiconductors OM8373 Datasheet HTML 29Page - NXP Semiconductors OM8373 Datasheet HTML 30Page - NXP Semiconductors OM8373 Datasheet HTML 31Page - NXP Semiconductors OM8373 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
2004 Jan 15
28
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
‘558 nominal mode’ (iic_lut=”00”)
This option accommodates the 558 I2C. The various serial
rates are shown below: -
‘558 fast mode’ (iic_lut=”01”)
This option accommodates the 558 I2C doubled rates as
shown below: -
‘558 slow mode’ (iic_lut=”10”)
This option accommodates the 558 I2C rates divided by 2
as shown below: -
Note: In the above tables the fclk relates to the clock rate of
the 80c51 IIC module (6MHz).
I2C Port Enable
One external I2C port is available. This port is enabled
using TXT21.I2C PORT EN. Any information transmitted
to the device can only be acted upon if the port is enabled.
Internal communication between the 80c51
micro-controller and the TV Signal Processor will continue
regardless of the value written to TXT21.I2C PORT EN.
LED Support
Port pins P0.5 and P0.6 have a 8mA current sinking
capability to enable LEDs in series with current limiting
resistors to be driven directly, without the need for
additional buffering circuitry.
MEMORY INTERFACE
The memory interface controls the access and refresh of
the embedded Display DRAM memory. The DRAM is
shared between the Display and Microcontroller sections.
The Display reads OSD/Closed Caption information from
the DRAM and converts it to RGB output values. The
Microcontroller uses the DRAM as embedded auxiliary
RAM.
Data Capture
The Data Capture section takes in the analogue
Composite Video and Blanking Signal (CVBS) from One
Chip, and from this extracts the required data, which is
then decoded and stored in SFR memory.
The extraction of the data is performed in the digital
domain. The first stage is to convert the analogue CVBS
signal into a digital form. This is done using an ADC
sampling at 12MHz. The data and clock recovery is then
performed by a Multi-Rate Video Input Processor
(MulVIP). From the recovered data and clock the following
data types is extracted: Line Twenty-One Data Services
(Closed Caption).
Data Capture Features
• Video Signal Quality detector.
• Data Capture for US Line 21 Data Services (Closed
Caption).
CR2
CR1
CR0
fclk (6MHz)
divided by
I2C Bit Frequency
(KHz) at fclk
000
60
100
0
0
1
1600
3.75
0
1
0
40
150
0
1
1
30
200
1
0
0
240
25
1
0
1
3200
1.875
1
1
0
160
37.5
1
1
1
120
50
Table 5
IIC Serial Rates ‘558 nominal mode’
CR2
CR1
CR0
fclk (6MHz)
divided by
I2C Bit Frequency
(KHz) at fclk
0
0
0
30
200
0
0
1
800
7.5
0
1
0
20
300
011
15
400
1
0
0
120
50
1
0
1
1600
3.75
1
1
0
80
75
111
60
100
Table 6
IIC Serial Rates ‘558 fast mode’
CR2
CR1
CR0
fclk (6MHz)
divided by
I2C Bit Frequency
(KHz) at fclk
0
0
0
120
50
0
0
1
3200
1.875
0
1
0
80
75
011
60
100
1
0
0
480
12.5
1
0
1
6400
0.9375
Table 7
IIC Serial Rates ‘558 slow mode’
1
1
0
320
18.75
1
1
1
240
25
CR2
CR1
CR0
fclk (6MHz)
divided by
I2C Bit Frequency
(KHz) at fclk
Table 7
IIC Serial Rates ‘558 slow mode’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com