Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 18Page - NXP Semiconductors OM8373 Datasheet HTML 19Page - NXP Semiconductors OM8373 Datasheet HTML 20Page - NXP Semiconductors OM8373 Datasheet HTML 21Page - NXP Semiconductors OM8373 Datasheet HTML 22Page - NXP Semiconductors OM8373 Datasheet HTML 23Page - NXP Semiconductors OM8373 Datasheet HTML 24Page - NXP Semiconductors OM8373 Datasheet HTML 25Page - NXP Semiconductors OM8373 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
2004 Jan 15
22
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
External (Auxiliary + Display) Memory
The normal 80C51 external memory area has been
mapped internally to the device, this means that the MOVX
instruction accesses data memory internal to the device.
The movx memory map is shown in Fig.5.
Auxiliary RAM Page Selection
The Auxiliary RAM page pointer is used to select one of
the 256 pages within the movx address space, not all
pages are allocated, refer to Fig.6. A page consists of 256
consecutive bytes. XRAMP only works on internal MOVX
memory.
Power-on Reset
Power on reset is generated internally to the TV processor,
hence no external reset circuitry is required. The TV
processor die shall generate the master reset in the
system, which in turn will reset the micro-controller die.
A external reset pin is still present and is logically "OR"-ed
with the internal Power on reset. This pin will only be used
for test modes and OTP programming. The active high
reset pin incorporates an internal pull-down, thus it can be
left unconnected in application.
Power Saving modes of Operation
There are three Power Saving modes, Idle, Stand-by and
Power Down, incorporated into the Painter die. When
utilizing either mode, the 3.3v power to the device (Vddp,
Vddc & Vdda) should be maintained, since Power Saving
is achieved by clock gating on a section by section basis.
STAND-BY MODE
During Stand-by mode, the Acquisition and Display
sections of the device are disabled. The following
functions remain active:-
• 80c51 CPU Core
• Memory Interface
• I2C
• Timer/Counters
• WatchDog Timer
• SAD and PWMs
To enter Stand-by mode, the STAND-BY bit in the
ROMBANK register must be set. Once in Stand-By, the
XTAL oscillator continues to run, but the internal clock to
Acquisition and Display are gated out. However, the clocks
to the 80c51 CPU Core, Memory Interface, I2C,
Timer/Counters, WatchDog Timer and Pulse Width
Modulators are maintained. Since the output values on
RGB and VDS are maintained the display output must be
disabled before entering this mode.
This mode may be used in conjunction with both Idle and
Power-Down modes. Hence, prior to entering either Idle or
Power-Down, the STAND-BY bit may be set, thus allowing
wake-up of the 80c51 CPU core without fully waking the
entire device (This enables detection of a Remote Control
source in a power saving mode).
IDLE MODE
During Idle mode, Acquisition, Display and the CPU
sections of the device are disabled. The following
functions remain active:-
• Memory Interface
• I2C
Data RAM
0000H
08FFH
0900H
7FFFH
8000H
84FFH
Display RAM
for
Closed Caption
8700H
871FH
CLUT
87F0H
87FFH
Display Registers
8800H
8A3FH
Dynamically
Re-definable
Characters
Lower 32K bytes
Upper 32K bytes
8A40H
FFFFH
Fig.5 Movx Memory Map
(XRAMP)=00H
0000H
00FFH
0100H
01FFH
00H
FFH
00H
FFH
(XRAMP)=01H
(XRAMP)=FEH
FE00H
FEFFH
FF00H
FFFFH
00H
FFH
00H
FFH
(XRAMP)=FFH
MOVX @DPTR,A
MOVX @Ri, A
MOVX A, @Ri
MOVX A,@DPTR
Fig.6 Indirect addressing
(Movx address space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com