Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 44Page - NXP Semiconductors OM8373 Datasheet HTML 45Page - NXP Semiconductors OM8373 Datasheet HTML 46Page - NXP Semiconductors OM8373 Datasheet HTML 47Page - NXP Semiconductors OM8373 Datasheet HTML 48Page - NXP Semiconductors OM8373 Datasheet HTML 49Page - NXP Semiconductors OM8373 Datasheet HTML 50Page - NXP Semiconductors OM8373 Datasheet HTML 51Page - NXP Semiconductors OM8373 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
2004 Jan 15
48
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
TO LUMA/SYNC PROCESSING
TO CHROMA PROCESSING
CVBS2/Y
CVBS1
VIM
VIDEO IDENT
IDENT
Fig.21 CVBS switch and interfacing of video ident
C
(+)
IFVO
IFVO/SVO
SVO
Synchronisation circuit
The IC contains separator circuits for the horizontal and
vertical sync pulses and a data-slicing circuit which
extracts the digital closed caption data from the analog
signal.
The horizontal drive signal is obtained from an internal
VCO which is running at a frequency of 25 MHz. This
oscillator is stabilised to this frequency by using a 12 MHz
signal coming from the reference oscillator of the
µ-Controller.
The horizontal drive is switched on and off via the soft
start/stop procedure. This function is realised by means of
variation of the TON of the horizontal drive pulses. In
addition the horizontal drive circuit has a ‘low-power
start-up’ function.
The vertical synchronisation is realised by means of a
divider circuit. The vertical ramp generator needs an
external resistor and capacitor. For the vertical drive a
differential output current is available. The outputs must be
DC coupled to the vertical output stage.
The following geometry parameters can be adjusted:
• Horizontal shift
• Vertical amplitude
• Vertical slope
• S-correction
• Vertical shift
• EW width
• EW parabola width
• EW upper and lower corner parabola correction
• EW trapezium correction
• Vertical zoom
• Horizontal parallelogram and bow correction.
When the vertical amplitude is compressed (zoom
factor <1) it is still possible to display the black current
measuring lines in the overscan. This function is activated
by means of the bit OSVE in subaddress 26H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com