Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 81Page - NXP Semiconductors OM8373 Datasheet HTML 82Page - NXP Semiconductors OM8373 Datasheet HTML 83Page - NXP Semiconductors OM8373 Datasheet HTML 84Page - NXP Semiconductors OM8373 Datasheet HTML 85Page - NXP Semiconductors OM8373 Datasheet HTML 86Page - NXP Semiconductors OM8373 Datasheet HTML 87Page - NXP Semiconductors OM8373 Datasheet HTML 88Page - NXP Semiconductors OM8373 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
2004 Jan 15
85
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
44. The vertical blanking pulse in the RGB outputs has a width of 27 or 22 lines (50 or 60 Hz system). The vertical pulse
in the sandcastle pulse has a width of 14 or 9.5 lines (50 or 60 Hz system). This to prevent a phase distortion on top
of the picture due to a timing modulation of the incoming flyback pulse.
45. The timing pulses for the vertical ramp generator are obtained from the horizontal oscillator via a divider circuit.
During TV reception this divider circuit has 3 modes of operation:
a) Search mode ‘large window’.
This mode is switched on when the circuit is not synchronized or when a non-standard signal (number of lines
per frame outside the range between 311 and 314(50 Hz mode) or between 261 and 264 (60 Hz mode) is
received). In the search mode the divider can be triggered between line 244 and line 361 (approximately
45 to 64.5 Hz).
b) Standard mode ‘narrow window’.
This mode is switched on when more than 15 succeeding vertical sync pulses are detected in the narrow window.
When the circuit is in the standard mode and a vertical sync pulse is missing the retrace of the vertical ramp
generator is started at the end of the window. Consequently, the disturbance of the picture is very small. The
circuit will switch back to the search window when, for 6 successive vertical periods, no sync pulses are found
within the window.
c) Standard TV-norm (divider ratio 525 (60 Hz) or 625 (50 Hz).
When the system is switched to the narrow window it is checked whether the incoming vertical sync pulses are
in accordance with the TV-norm. When 15 standard TV-norm pulses are counted the divider system is switched
to the standard divider ratio mode. In this mode the divider is always reset at the standard value even if the vertical
sync pulse is missing.
When 3 vertical sync pulses are missed the system switches back to the narrow window and when also in this
window no sync pulses are found (condition 3 missing pulses) the system switches over to the search window.
The vertical divider needs some waiting time during channel-switching of the tuner. When a fast reaction of the
divider is required during channel-switching the system can be forced to the search window by means of the NCIN bit
in subaddress 25H.
When RGB signals are inserted the maximum vertical frequency is increased to 72 Hz. This has the consequence
that the circuit can also be synchronised by signals with a higher vertical frequency like VGA.
46. Conditions: frequency is 50 Hz; normal mode; VS = 1F.
47. The output range percentages mentioned for E-W control parameters are based on the assumption that 400
µA
variation in E-W output current is equivalent to 20% variation in picture width.
48. The ICs have a zoom adjustment possibility for the horizontal and vertical deflection. For this reason an extra DAC
has been added in the vertical amplitude control which controls the vertical scan amplitude between 0.75 and 1.38
of the nominal scan. At an amplitude of 1.06 of the nominal scan the output current is limited and the blanking of the
RGB outputs is activated. This is illustrated in Fig. 36.
When the vertical amplitude is compressed (zoom factor <1) it is still possible to display the black-current measuring
lines in the vertical overscan. The feature is activated by means of the OSVE-bit in sub-address 26H. Because the
vertical deflection output stage needs some time for the excursion from the top of the picture to the required position
on the screen the vertical blanking is increased when the OSVE-bit is activated. The shape of the vertical deflection
current for a zoom factor of 0.75 with OSVE activated is given in Fig. 38. The exact timing of the measuring pulses
and vertical blanking for the various conditions is given in Fig. 40.
The nominal scan height must be adjusted at a position of 19 HEX of the vertical ‘zoom’ DAC.
49. At a chrominance input voltage of 660 mV (p-p) (colour bar with 75% saturation i.e. burst signal amplitude
300 mV (p-p)) the dynamic range of the ACC is +6 and
−20 dB.
50. The ACL function can be activated by via the ACL bit in the subaddress 20H. The ACL circuit reduces the gain of the
chroma amplifier for input signals with a chroma-to-burst ratio which exceeds a value of 3.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com