Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 36Page - NXP Semiconductors OM8373 Datasheet HTML 37Page - NXP Semiconductors OM8373 Datasheet HTML 38Page - NXP Semiconductors OM8373 Datasheet HTML 39Page - NXP Semiconductors OM8373 Datasheet HTML 40Page - NXP Semiconductors OM8373 Datasheet HTML 41Page - NXP Semiconductors OM8373 Datasheet HTML 42Page - NXP Semiconductors OM8373 Datasheet HTML 43Page - NXP Semiconductors OM8373 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
2004 Jan 15
40
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
DEFINING CHARACTERS
The DRC RAM is mapped on to the 80C51 RAM address
space and starts at location 8800H. The character matrix
is 16 bits wide and therefore requires two bytes to be
written for each word, the first byte (even addresses),
addresses the lower 8 bits and the second byte (odd
addresses) addresses the upper 8 bits.
For characters of 9, 10, 16 or 18 lines high the pixel
information starts in the first address and continues
sequentially for the required number of addresses.
Characters of 13 lines high are defined with an initial offset
of 1 address, this is to allow for correct generation of
fringing across boundaries of clustered characters (see
Fig.20). The characters continue sequentially for 13 lines
after which a further line can again be used for generation
of correct fringing across boundaries of clustered
characters.
DRCs are defined by writing data to the DRC RAM using
the 80C51 MOVX command. Setting bits 3 to 9 of the first
line of a 12 wide by 16 line character would require setting
the high byte of the 80C51 data pointer to 88H, the low
byte of the 80C51 data pointer to 00H, using the MOVX
command to load address 8800H with data F8H,
incrementing the data pointer, and finally using the MOVX
command to load address 8801H with data 03H.
Display Synchronization
The horizontal and vertical synchronizing signals from the
TV deflection are used as inputs. Both signals can be
inverted before being delivered to the Phase Selector
section.
The polarity is controlled using either VPOL or HPOL in
REG2:Text position Vertical.
A line locked 12 MHz clock is derived from the 12MHz free
running oscillator by the Phase Selector. This line locked
clock is used to clock the whole of the Display block.
The H & V Sync signals are synchronized with the 12 MHz
clock before being used in the display section.
Video/Data Switch (Fast Blanking) Polarity
The polarity of the Video/Data (Fast Blanking) signal can
be inverted. The polarity is set with the VDSPOL in REG7:
VDS Polarity register.
Video/Data Switch Adjustment
To take into account the delay between the RGB values
and the VDS signal due to external buffering, the VDS
signal can be moved in relation to the RGB signals. The
VDS signal can be set to be either a clock cycle before or
after the RGB signal, or coincident with the RGB signal.
This is done using VDEL<2:0> in REG15:Configuration.
Contrast Reduction
The COR bits in SFRs TXT5 control the Contrast
Reduction. Contrast Reduction can be enabled either
inside or outside OSD boxes.
When contrast reduction is enable, the contrast reduction
region can be defined by the Serial Character Coding(bit
12).
Memory Mapped Registers
The memory mapped registers are used to control the
display. The registers are mapped into the Micro-controller
MOVX address space, starting at address 87F0h and
extending to 87FFh.
Top Left
Bottom Right
Fringing
Top Line
Hex
003
00C
030
0C0
300
C00
C00
300
C00
030
00C
003
000
440
Line 13 from
character above
Line 1 from
character below
Fringing
1A8
000
Pixel
Pixel
Line not used
Line
No.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Bottom Line
MSB
LSB
Fig.20 13 Line High DRC’s Character Format
VDSP
OL
VDS
Condition
0
1
RGB display
0
0
Video Display
1
0
RGB display
1
1
Video Display
Table 19 Fast Blanking Signal Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com