Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 19Page - NXP Semiconductors OM8373 Datasheet HTML 20Page - NXP Semiconductors OM8373 Datasheet HTML 21Page - NXP Semiconductors OM8373 Datasheet HTML 22Page - NXP Semiconductors OM8373 Datasheet HTML 23Page - NXP Semiconductors OM8373 Datasheet HTML 24Page - NXP Semiconductors OM8373 Datasheet HTML 25Page - NXP Semiconductors OM8373 Datasheet HTML 26Page - NXP Semiconductors OM8373 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
2004 Jan 15
23
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
• Timer/Counters
• WatchDog Timer
• SAD & PWMs
To enter Idle mode the IDL bit in the PCON register must
be set. The WatchDog timer must be disabled prior to
entering Idle to prevent the device being reset. Once in Idle
mode, the XTAL oscillator continues to run, but the internal
clock to the CPU, Acquisition and Display are gated out.
However, the clocks to the Memory Interface, I2C,
Timer/Counters, WatchDog Timer and Pulse Width
Modulators are maintained. The CPU state is frozen along
with the status of all SFRs, internal RAM contents are
maintained, as are the device output pin values. Since the
output values on RGB and VDS are maintained the
Display output must be disabled before entering this
mode.
There are three methods available to recover from Idle:-
• Assertion of an enabled interrupt will cause the IDL bit to
be cleared by hardware, thus terminating Idle mode.
The interrupt is serviced, and following the instruction
RETI, the next instruction to be executed will be the one
after the instruction that put the device into Idle mode.
• A second method of exiting Idle is via an Interrupt
generated by the SAD DC Compare circuit. When
Painter is configured in this mode, detection of an
analogue threshold at the input to the SAD may be used
to trigger wake-up of the device i.e. TV Front Panel
Key-press. As above, the interrupt is serviced, and
following the instruction RETI, the next instruction to be
executed will be the one following the instruction that put
the device into Idle.
• The third method of terminating Idle mode is with an
external hardware reset. Since the oscillator is running,
the hardware reset need only be active for two machine
cycles (24 clocks at 12MHz) to complete the reset
operation. Reset defines all SFRs and Display memory
to a pre-defined state, but maintains all other RAM
values. Code execution commences with the Program
Counter set to ’0000’.
POWER DOWN MODE
In Power Down mode the XTAL oscillator continue to run,
but the internal clock to the CPU, Acquisition, Display,
Memory Interface, I2C, Timer/Counters, WatchDog Timer
and SAD & PWMs are gated out. The contents of all SFRs
and Data memory are maintained, however, the contents
of the Auxiliary/Display memory are lost. The port pins
maintain the values defined by their associated SFRs.
Since the output values on RGB and VDS are maintained
the Display output must be made inactive before entering
Power Down mode.
The power down mode is activated by setting the PD bit in
the PCON register. It is advised to disable the WatchDog
timer prior to entering Power down. There are three
methods of exiting power down:-
• An External interrupt provides the first mechanism for
waking from Power-Down. Since the clock is stopped,
external interrupts needs to be set level sensitive prior to
entering Power-Down. The interrupt is serviced, and
following the instruction RETI, the next instruction to be
executed will be the one after the instruction that put the
device into Power-Down mode.
• A second method of exiting Power-Down is via an
Interrupt generated by the SAD DC Compare circuit.
When Painter is configured in this mode, detection of a
certain analogue threshold at the input to the SAD may
be used to trigger wake-up of the device i.e. TV Front
Panel Key-press. As above, the interrupt is serviced,
and following the instruction RETI, the next instruction to
be executed will be the one following the instruction that
put the device into Power-Down.
• The third method of terminating the Power-Down mode
is with an external hardware reset. Reset defines all
SFRs and Display memory, but maintains all other RAM
values. Code execution commences with the Program
Counter set to ’0000’.
I/O Facility
I/O PORTS
The Painter die has 13 I/O lines, each is individually
addressable, or form part of 4 parallel addressable ports
which are port0, port1, port2 and port3.
PORT TYPE
All individual ports can be programmed to function in one
of four modes, the mode is defined by two Port
Configuration SFRs. The modes available are Open Drain,
Quasi-bidirectional, High Impedance and Push-Pull.
Open Drain
The Open drain mode can be used for bi-directional
operation of a port. It requires an external pull-up resistor,
the pull-up voltage has a maximum value of 5.5V, to allow
connection of the device into a 5V environment.
Quasi bi-directional
The quasi-bidirectional mode is a combination of open
drain and push pull. It requires an external pull-up resistor
to VDDp (nominally 3.3V). When a signal transition from
0->1 is output from the device, the pad is put into push-pull
mode for one clock cycle (166ns) after which the pad goes
into open drain mode. This mode is used to speed up the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com