Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 68Page - NXP Semiconductors OM8373 Datasheet HTML 69Page - NXP Semiconductors OM8373 Datasheet HTML 70Page - NXP Semiconductors OM8373 Datasheet HTML 71Page - NXP Semiconductors OM8373 Datasheet HTML 72Page - NXP Semiconductors OM8373 Datasheet HTML 73Page - NXP Semiconductors OM8373 Datasheet HTML 74Page - NXP Semiconductors OM8373 Datasheet HTML 75Page - NXP Semiconductors OM8373 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
2004 Jan 15
72
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
FAST INSERTION
S.3.1
input voltage
no data insertion
−−
0.4
V
S.3.2
data insertion
0.9
−−
V
S.3.3
maximum input pulse
insertion
−−
3.0
V
S.3.4
delay time from RGB in to
RGB out
data insertion; note 6
−−
20
ns
S.3.5
delay difference between
insertion to RGB out and RGB in
to RGB out
data insertion; note 6
−−
20
ns
S.3.6
input current
−−
0.2
mA
S.3.7
suppression of internal RGB
signals
notes 6 and 28; insertion;
fi =0to5MHz
−
55
−
dB
S.3.8
suppression of external RGB
signals
notes 6 and 28; no insertion;
fi =0to5MHz
−
55
−
dB
Chrominance and Luminance filters
CHROMINANCE TRAP CIRCUIT; NOTE 32
F.1.1
trap frequency
−
fosc
−
MHz
F.1.2
Bandwidth at fSC = 3.58 MHz
−3 dB
−
2.8
−
MHz
F.1.3
Bandwidth at fSC = 4.43 MHz
−3 dB
−
3.4
−
MHz
F.1.4
colour subcarrier rejection
24
26
−
dB
CHROMINANCE BANDPASS CIRCUIT
F.2.1
centre frequency (CB = 0)
−
fosc
−
MHz
F.2.2
centre frequency (CB = 1)
−
1.1
×f
osc
−
MHz
F.2.3
bandpass quality factor
−
3
−
Y DELAY LINE
F.4.1
delay time
note 6
−
480
−
ns
F.4.2
tuning range delay time
8 steps
−160
−
+160
ns
F.4.3
bandwidth of internal delay line
note 6
8
−−
MHz
Picture Improvement Features
PEAKING CONTROL; NOTE 33
P.1.1
width of preshoot or overshoot
note 3
−
160
−
ns
P.1.2
peaking signal compression
threshold
−
50
−
IRE
P.1.3
overshoot at maximum peaking
positive
−
45
−
%
P.1.4
negative
−
80
−
%
P.1.5
Ratio negative/positive
overshoot; note 34
−
1.8
−
P.1.6
peaking control curve
63 steps
see Fig.24
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com