Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 20Page - NXP Semiconductors OM8373 Datasheet HTML 21Page - NXP Semiconductors OM8373 Datasheet HTML 22Page - NXP Semiconductors OM8373 Datasheet HTML 23Page - NXP Semiconductors OM8373 Datasheet HTML 24Page - NXP Semiconductors OM8373 Datasheet HTML 25Page - NXP Semiconductors OM8373 Datasheet HTML 26Page - NXP Semiconductors OM8373 Datasheet HTML 27Page - NXP Semiconductors OM8373 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
2004 Jan 15
24
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
edges of signal transitions. This is the default mode of
operation of the pads after reset.
High Impedance
The high impedance mode can be used for Input only
operation of the port. When using this configuration the two
output transistors are turned off.
Push-Pull
The push pull mode can be used for output only. In this
mode the signal is driven to either 0V or VDDp, which is
nominally 3.3V.
Interrupt System
The device has 8 interrupt sources, each of which can be
enabled or disabled. When enabled, each interrupt can be
assigned one of two priority levels. There are four
interrupts that are common to the 80C51, two of these are
external interrupts (EX0 and EX1) and the other two are
timer interrupts (ET0 and ET1). There is also one interrupt
connected to the 80c51 micro-controller IIC peripheral for
Transmit and Receive operation.
The TV processors have an additional 16-bit Timer (with
8-bit Pre-scaler). To accommodate this, another interrupt
ET2PR has been added to indicate timer overflow.
In addition to the conventional 80c51, two application
specific interrupts are incorporated internal to the device
which have the following functionality:-
CC (Closed Caption Data Ready Interrupt) - This
interrupt is generated when the device is configured for
Closed Caption acquisition. The interrupt is activated at
the end of the currently selected Slice Line as defined in
the CCLIN SFR.
BUSY (Display Busy Interrupt) - An interrupt is
generated when the Display enters either a Horizontal or
Vertical Blanking Period. i.e. Indicates when the
micro-controller can update the Display RAM without
causing undesired effects on the screen. This interrupt can
be configured in one of two modes using the MMR
Configuration Register (Address 87FF, Bit-3 [TXT/V]):-
• TeXT Display Busy: An interrupt is generated on each
active horizontal display line when the Horizontal
Blanking Period is entered.
• Vertical Display Busy: An interrupt is generated on each
vertical display field when the Vertical Blanking Period is
entered.
INTERRUPT ENABLE STRUCTURE
Each of the individual interrupts can be enabled or
disabled by setting or clearing the relevant bit in the
interrupt enable SFRs (IE and IEN1). All interrupt sources
can also be globally disabled by clearing the EA bit (IE.7).
INTERRUPT ENABLE PRIORITY
Each interrupt source can be assigned one of two priority
levels. The interrupt priorities are defined by the interrupt
priority SFRs (IP and IP1). A low priority interrupt can be
interrupted by a high priority interrupt, but not by another
low priority interrupt. A high priority interrupt can not be
interrupted by any other interrupt source. If two requests of
different priority level are received simultaneously, the
request with the highest priority level is serviced. If
requests of the same priority level are received
simultaneously, an internal polling sequence determines
which request is serviced. Thus, within each priority level
there is a second priority structure determined by the
polling sequence as defined in Table 3.
INTERRUPT VECTOR ADDRESS
The processor acknowledges an interrupt request by
executing a hardware generated LCALL to the appropriate
servicing routine. The interrupt vector addresses are
shown in Table 3.
Source
Priority within level
Interrupt Vector
EX0
Highest
0003H
ET0
000BH
EX1
0013H
ET1
001BH
ECC
0023H
ES2
002BH
EBUSY
0033H
ET2PR
Lowest
003BH
Table 3
Interrupt Priority (within same level)
EX0
ET0
EX1
ET1
ECC
ES2
EBUSY
H1
H2
H3
H4
H5
H6
H7
L1
L2
L3
L4
L5
L6
L7
Highest Priority Level1
Highest Priority Level0
ET2PR
Lowest Priority Level1
Lowest Priority Level0
IE.0:6
IP.0:6
Source
Enable
Global
Enable
Priority
Control
IE1.0
IP1.0
IE.7
Interrupt
Source
H8
L8
Fig.7 Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com