Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 28Page - NXP Semiconductors OM8373 Datasheet HTML 29Page - NXP Semiconductors OM8373 Datasheet HTML 30Page - NXP Semiconductors OM8373 Datasheet HTML 31Page - NXP Semiconductors OM8373 Datasheet HTML 32Page - NXP Semiconductors OM8373 Datasheet HTML 33Page - NXP Semiconductors OM8373 Datasheet HTML 34Page - NXP Semiconductors OM8373 Datasheet HTML 35Page - NXP Semiconductors OM8373 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
2004 Jan 15
32
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
Foreground Colour
The foreground colour can be chosen from 8 colours on a
character by character basis. Two sets of 8 colours are
provided. A serial attribute switches between the banks
(see Table 13 Serial Mode 1, bit 7). The colours are the
CLUT entries 0 to 7 or 8 to 15.
Background Colour
This attribute is valid from the time set until end of row or
otherwise modified if set with Serial Mode 0. If set with
Serial Mode 1, then the colour is set from the next
character onwards.
The background colour can be chosen from all 16 CLUT
entries.
BACKGROUND DURATION
The attribute when set takes effect from the current
position until to the end of the text display defined in
REG4:Text Area End. The background duration attribute
(see Table 13, Serial Mode 1, bit 8) in combination with the
End Of Row attribute (see Table 13, Serial Mode 1, bit 9)
forces the background colour to be display on the row until
the end of the text area is reached.
UNDERLINE
The underline attribute causes the characters to have the
bottom scan line of the character cell forced to foreground
colour, including spaces. If background duration is set,
then underline is set until the end of the text area. The
underline attribute (see Table 13, Serial Mode 0/1, bit 4) is
valid from the time set until end of row or otherwise
modified.
OVERLINE
The overline attribute causes the characters to have the
top scan line of the character cell forced to foreground
colour, including spaces. If background duration is set,
then overline is set until the end of the text area.
The overline attribute (see Table 13, Serial Mode 0/1, bit
5) is valid from the time set until end of row or otherwise
modified. Overlining of Italic characters is not possible
END OF ROW
The number of characters in a row is flexible and can
determined by the end of row attribute (see Table 13,
Serial Mode 1, bit 9). However the maximum number of
character positions displayed is determined by the setting
of the REG2:Text Position Horizontal and REG4:Text Area
End.
NOTE: When using the end of row attribute the next
character location after the attribute should always be
occupied by a ’space’.
FRINGING
A fringe (shadow) can be defined around characters. The
fringe direction is individually selectable in any of the
North, South, East and West direction using
REG3:Fringing Control. The colour of the fringe can also
be defined as one of the entries in the CLUT, again using
REG3:Fringing Control.
The fringe attribute (see Table 13, Serial Mode 0, bit 9) is
valid from the time set until the end of the row or otherwise
modified.
Fig.12 South and Southwest Fringing
RED1-0
b5 . b4
GRN1-0
b3 . b2
BLU1-0
b1 . b0
Colour
entry
00
00
00
0
00
00
11
1
...
...
...
...
11
11
00
14
11
11
11
15
Table 10 CLUT Colour values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com