Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 69Page - NXP Semiconductors OM8373 Datasheet HTML 70Page - NXP Semiconductors OM8373 Datasheet HTML 71Page - NXP Semiconductors OM8373 Datasheet HTML 72Page - NXP Semiconductors OM8373 Datasheet HTML 73Page - NXP Semiconductors OM8373 Datasheet HTML 74Page - NXP Semiconductors OM8373 Datasheet HTML 75Page - NXP Semiconductors OM8373 Datasheet HTML 76Page - NXP Semiconductors OM8373 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
2004 Jan 15
73
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
P.1.7
peaking centre frequency
setting PF1/PF0 = 0/0
−
2.7
−
MHz
P.1.8
setting PF1/PF0 = 0/1
−
3.1
−
MHz
P.1.9
setting PF1/PF0 = 1/0
−
3.5
−
MHz
P1.10
setting PF1/PF0 = 1/1
−
4.0
−
MHz
CORING STAGE; NOTE 35
P.1.11
coring range
−
10
−
IRE
BLACK LEVEL STRETCHER; NOTE 36
P.2.1
Maximum black level shift
BSD=0
16
20
24
IRE
P.2.11
Maximum black level shift
BSD=1
25
30
35
IRE
P.2.2
level shift at 100% peak white
−1
0
1
IRE
P.2.3
level shift at 50% peak white
−1
−
3
IRE
P.2.4
level shift at 15% peak white
BSD=0
6
8
10
IRE
P.2.4.1
level shift at 15% peak white
BSD=1
12
16
20
IRE
DYNAMIC SKIN TONE (FLESH) CONTROL; NOTE 37
P.4.1
control angle
−
123
−
deg
P.4.2
correction range (angle)
−
45
−
deg
BLUE STRETCH; NOTE 38
P.7.1
decrease of small signal gain for
the channel
BLS = 1
−
40
−
%
P.7.2
decrease of small signal gain for
the green channel
BLS = 1
−
20
−
%
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com