Electronic Components Datasheet Search
  English  ▼

X  

OM8373 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 21Page - NXP Semiconductors OM8373 Datasheet HTML 22Page - NXP Semiconductors OM8373 Datasheet HTML 23Page - NXP Semiconductors OM8373 Datasheet HTML 24Page - NXP Semiconductors OM8373 Datasheet HTML 25Page - NXP Semiconductors OM8373 Datasheet HTML 26Page - NXP Semiconductors OM8373 Datasheet HTML 27Page - NXP Semiconductors OM8373 Datasheet HTML 28Page - NXP Semiconductors OM8373 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
2004 Jan 15
25
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
LEVEL/EDGE INTERRUPT
The external interrupt can be programmed to be either
level-activated or transition activated by setting or clearing
the IT0/1 bits in the Timer Control SFR(TCON).
The external interrupt INT1 differs from the standard
80C51 in that it is activated on both edges when in edge
sensitive mode. This is to allow software pulse width
measurement for handling remote control inputs.
Timer/Counter
Two 16 bit timers/counters are incorporated Timer0 and
Timer1. Both can be configured to operate as either timers
or event counters.
In Timer mode, the register is incremented on every
machine cycle. It is therefore counting machine cycles.
Since the machine cycle consists of 12 oscillator periods,
the count rate is 1/12 Fosc = 1MHz.
In Counter mode, the register is incremented in response
to a negative transition at its corresponding external pin
T0/1. Since the pins T0/1 are sampled once per machine
cycle it takes two machine cycles to recognise a transition,
this gives a maximum count rate of 1/24 Fosc = 0.5MHz.
There are six special function registers used to control the
timers/counters.
The Timer/Counter function is selected by control bits C/T
in the Timer Mode SFR (TMOD). These two
Timer/Counter have four operating modes, which are
selected by bit-pairs (M1.M0) in the TMOD. Refer to the
80C51 based 8-bit micro-controllers - Philips
Semiconductors (ref. IC20) for detail of the modes and
operation.
TL0/TL1 and TH0/TH1 are the actual timer/counter
registers for timer0 / timer1. TL0/TL1 is the low byte and
TH0/TH1 is the high byte.
ITx
Level
Edge
0
Active low
1
INT0 = Negative Edge
INT1 = Positive and Negative Edge
Table 4
External Interrupt Activation
TF1 TR TF0 TR
IE1 IT1 IE0 IT0
Symbol
Position
Name and Significance
TF1
TCON.7
Timer 1 overflow flag. Set by hard-
ware on timer/counter overflow.
Cleared by hardware when processor
vectors to interrupt routine.
TR1
TCON.6
Timer 1 Run control bit. Set/cleared
by software to turn timer.counter
on/off.
TF0
TCON.5
Timer 0 overflow flag. Set by hard-
ware on timer/counter overflow.
Cleared by hardware when processor
vectors to interrupt routine.
TR0
TCON.4
Timer 0 Run control bit. Set/cleared
by software to turn timer.counter
on/off.
Symbol
Position
Name and Significance
IE1
TCON.3
Interrupt 1 Edge flag. Set by hardware
when external interrupt edge
detected. Cleared when interrupt
processed.
IT1
TCON.2
Interrupt 1 Type control bit.
Set/cleared by software to specify fall-
ing edge/low level triggered external
interrupts.
IE0
TCON.1
Interrupt 0 Edge flag. Set by hardware
when external interrupt edge
detected. Cleared when interrupt
processed.
IT0
TCON.0
Interrupt 0 Type control bit.
Set/cleared by software to specify fall-
ing edge/low level triggered external
interrupts.
Fig.8 Timer/Counter Control (TCON) register
Gat C/T M1
M0 Gat C/T M1
M0
Timer 1
Timer 0
Gate
Gating control when set. Timer/counter is enabled only
while px_int_n is high and TR control bit is set. When
cleared timer/counter is enabled whenever TR control bit
is set.
C/T
Timer or Counter selector. Cleared for timer operation
(input from system clock). Set for counter operation (input
from T input pin.
M1
M0
Operating
0
0
8048 Timer, TL serves as 5-bit prescaler.
0
1
16-bit Timer/Counter, TL and TH are cascaded.
1
0
8-bit auto-reload Timer/Counter, TH holds a value
which is to be loaded into TL.
1
1
timer 0: two 8-bit Timers/Counters. TL0 is controlled by
timer 0 control bits. TH0 is controlled by timer 1 control
bits. timer 1: stopped.
Fig.9 Timer/Counter Mode control (TMOD) register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com