Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 45Page - Texas Instruments TMP1827 Datasheet HTML 46Page - Texas Instruments TMP1827 Datasheet HTML 47Page - Texas Instruments TMP1827 Datasheet HTML 48Page - Texas Instruments TMP1827 Datasheet HTML 49Page - Texas Instruments TMP1827 Datasheet HTML 50Page - Texas Instruments TMP1827 Datasheet HTML 51Page - Texas Instruments TMP1827 Datasheet HTML 52Page - Texas Instruments TMP1827 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
8.6.6 Short Address Register (Scratchpad-1 offset = 06h) [reset = 00h]
The register is used to program the short address for the device. The host can store the updated setting to the
configuration EEPROM using the COPY SCRATCHPAD-1 function command. At power-on reset, the register
setting is automatically restored from the configuration EEPROM. As described in Flexible Device Address,
the specific short address decoded value is overlaid on the non-volatile memory content restored to the short
address register.
The short address register can only be updated by the application when the FLEX_ADDR_MODE bits have the
value '00b'. Any write to register when the FLEX_ADDR_MODE bits are not '00b' shall be ignored by the device.
Return to Register Map.
Figure 8-37. Short Address Register
7
6
5
4
3
2
1
0
SHORT_ADDRESS[7:0]
RW-00h
Table 8-12. Short Address Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
SHORT_ADDRESS[7:0]
RW
00h
Stores the short address for the device which may be used
to access the device without sending the 64-bit Unique Device
Address.
When FLEX_ADDR_MODE[1:0] = 0h, the 8-bit value of the
register is used as is.
When FLEX_ADDR_MODE[1:0] = 1h or 2h, the upper 4-bit of
the register is updated from the value committed to the non-
volatile memory, while the lower 4-bit are decoded based on
IO0-IO3 connection on the board or address decoding based on
the resistor connected to ADDR pin, respectively.
When FLEX_ADDR_MODE[1:0] = 3h, the upper 2-bit of the
register is updated from the value committed to the non volatile
memory, the next 2-bit are decoded from IO1 and IO0, and the
last 4-bit is decoded from the resistor connected to ADDR pin.
The short address is also used during stacked conversion mode
to stagger the active conversion.
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com