Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments TMP1827 Datasheet HTML 29Page - Texas Instruments TMP1827 Datasheet HTML 30Page - Texas Instruments TMP1827 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
The alert status flag and IO2/ALERT pin are deasserted only when the host reads the status register or performs
a successful ALERTSEARCH command as shown in Figure 8-17.
ALERT_HIGH
ALERT_LOW
Temperature
Temperature conversions
ALERT_HIGH
ALERT_LOW
Alert Status Read
ALERT pin
ALERT_LOW+HYSTERESIS
ALERT_HIGH-HYSTERESIS
Figure 8-17. Alert Mode Timing Diagram
8.4.2.2 Comparator Mode
The device operates in comparator mode, when the ALERT_MODE is set as '1b'. In the alert mode of operation,
the alert status flag and IO2/ALERT pin are asserted when the last temperature conversion is either higher than
the temperature alert high limit or when it is lower than the temperature alert low limit register.
The alert status flag and IO2/ALERT pin are deasserted only when the result of the last temperature conversion
is less than the temperature alert high limit minus the hysteresis or above the temperature low limit plus the
hysteresis as shown in Figure 8-18. The hysteresis is selectable using the HYSTERESIS bit field in the device
configuration-2 register.
ALERT_HIGH
ALERT_LOW
Temperature
Temperature conversions
ALERT_HIGH
ALERT_LOW
Alert Status Read
ALERT pin
ALERT_LOW+HYSTERESIS
ALERT_HIGH-HYSTERESIS
Figure 8-18. Comparator Mode Timing Diagram
8.4.3 Single-Wire Interface Communication
To leverage the features effectively, the device access consists of 3 distinct phases. As shown in Figure 8-19,
any bus communication starts with a bus reset condition to which every device on the bus must respond. This is
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com