Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments TMP1827 Datasheet HTML 10Page - Texas Instruments TMP1827 Datasheet HTML 11Page - Texas Instruments TMP1827 Datasheet HTML 12Page - Texas Instruments TMP1827 Datasheet HTML 13Page - Texas Instruments TMP1827 Datasheet HTML 14Page - Texas Instruments TMP1827 Datasheet HTML 15Page - Texas Instruments TMP1827 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
7.10 Typical Characteristics (continued)
Normalized Data Distribution (LSB)
0
10%
20%
30%
40%
50%
60%
70%
80%
-5
-4
-3
-2
-1
0
1
2
3
4
5
Bus Powered-Overdrive Mode
Bus Powered-Standard Mode
VDD Powered
TA = 25°C, 5.5 ms Conversion Time, Averaging On
Figure 7-15. Data Distribution for Power Mode and Bus Speed
Time (sec)
-1
0
1
2
3
4
5
6
7
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
2-layer FR4 PCB
Single Layer Flex PCB .
63% Response
TSTART = 25°C, TFINISH = 75°C
Figure 7-16. Thermal Response Time (NGR)
Temperature (
C)
125
130
135
140
145
150
1.7
1.8
1.9
2
2.1
2.2
2.3
Standard Speed Typical Operating Range
.
Figure 7-17. VPUR Minimum Supply Voltage vs Temperature (Standard Speed)
TMP1827
SBOSA15 – SEPTEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com