Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments TMP1827 Datasheet HTML 29Page - Texas Instruments TMP1827 Datasheet HTML 30Page - Texas Instruments TMP1827 Datasheet HTML 31Page - Texas Instruments TMP1827 Datasheet HTML 32Page - Texas Instruments TMP1827 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
Host Sends Reset
Pulse
TMP18xx switches
to Standard Speed.
OD_EN=0
Is Reset pulse
width for Standard
Speed?
TMP18xx Responds
in Overdrive Speed
Host Sends Address
Command
33h (READADDR)?
55h (MATCHADDR)?
F0h (SEARCHADDR)?
CCh (SKIPADDR)?
Yes
No
No
No
No
No
TMP18xx Sends 8 Bytes of
Address, LSb to MSb
Host Sends 8 Bytes of
Address, LSb to MSb
Does TMP18xx
Address Match?
Address Search Algorithm
Host Sends Func on
Yes
Yes
Yes
No
Yes
ECh (ALERTSEARCH)?
No
TMP18xx with
Alert Flag Set?
Yes
TMP18xx Sends FLAG
TMP18xx Sends FLAG
Yes
Host Sends FLAG
69h
(OVD_MATCHADDR)?
No
Host Sends 8 Bytes of
Address, LSb to MSb
Does TMP18xx
Address Match?
Yes
Yes
No
OD_EN=1
OD_EN=0
3Ch
(OVD_SKIPADDR)?
No
Yes
OD_EN=0
0Fh (FLEXADDR)?
No
Host Sends 1 Byte of
Short Address, LSb to MSb
Yes
Does TMP18xx Short
Address Match?
No
Yes
Is device in
Standard Speed?
Yes
No
Figure 8-20. Address Phase Flowchart
8.4.3.2.1 READADDR (33h)
The command can be used by the host to read the 64-bit address of the device. This command must only be
used when there is one device on the bus, as this command will cause a collision if multiple devices are present
on the bus.
8.4.3.2.2 MATCHADDR (55h)
The command is used by the host and is followed by a 64-bit address that is used to select a single device on
the bus. The address for each device is unique, therefore only one device can be selected by the command
while all other devices continue to wait for a bus reset.
8.4.3.2.3 SEARCHADDR (F0h)
The command is used by the host to identify the 64-bit address of each of the devices on the bus after the
system is powered up (see Figure 8-21). Additionally, this command may be run by the host to discover any
new devices that may be added to the system later. When there is a single device bus, the host can skip the
command and instead use the SKIPADDR command to access the device.
As shown in right side flow of Figure 8-21, when the fast arbitration mode is enabled by setting ARB_MODE
bits as '11b' in the device configuration-2 register, the devices check the bus for the transmitted bit. If the device
reads a bit value other than what they had transmitted, they no longer respond to the command until the next
bus reset. A device that wins the bus continues until the 64th bit, after which it does not respond to the next
SEARCHADDR command until the arbitration mode is reenabled. The arbitration function allows the host a fast
discovery of the devices without having to go through the complicated, memory intensive and longer discovery
method using traditional SEARCHADDR command. At the same time, if the host has an issue on the bus, then
it can simply perform a broadcast write to disable and enable the arbitration mode to restart the fast arbitration
mode.
The device also features an optimized arbitration mode which is enabled by setting ARB_MODE bits as '10b'.
The devices check the transmitted bit, and if the devices detect a logic '0' when they send a logic '1', they do
not participate in the SEARCHADDR command until the next SEARCHADDR command is sent. The device that
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com