Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 13Page - Texas Instruments TMP1827 Datasheet HTML 14Page - Texas Instruments TMP1827 Datasheet HTML 15Page - Texas Instruments TMP1827 Datasheet HTML 16Page - Texas Instruments TMP1827 Datasheet HTML 17Page - Texas Instruments TMP1827 Datasheet HTML 18Page - Texas Instruments TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
MSb
LSb
Bit-7
Bit-0
NV0
NV1
NV2
NV3
NV4
NV5
NV6
NV7
Figure 8-4. Non-Volatile Short Address
8.3.8.2 IO Hardware Address
Figure 8-5 shows the 8-bit IO hardware address mode of the device. This feature is available on packages which
have general-purpose pins (IO0-IO3) available. The 8-bit value consists of the lower 4 bits as read values of
the pins (IO3 to IO0) that is overlaid on the contents of the short address register to form a 8-bit address. The
application may connect the general-purpose pins to either VDD/SDQ for logic '1' or GND for logic '0'.
After power up, the host must set the bits FLEX_ADDR_MODE[1:0] as '01b' in the device configuration-2
register for the device to latch the state of the general-purpose pins.
MSb
LSb
Bit-7
Bit-0
IO0
IO1
IO2
IO3
NV4
NV5
NV6
NV7
Figure 8-5. IO Hardware Address
Note
If any of the IO0 to IO3 pins are used in output mode, then the respective value shall be latched as '0'.
8.3.8.3 Resistor Address
The resistor address modes uses a 1% tolerance resistor connected between the ADDR pin and ground. Figure
8-6 shows the 8-bit address with the lower 4 bits decoded from the resistor connected, which is overlaid on the
contents of the short address register.
MSb
LSb
Bit-7
Bit-0
RA0
RA1
RA2
RA3
NV4
NV5
NV6
NV7
Figure 8-6. Resistor Address
After power up, the host controller sets the bits FLEX_ADDR_MODE[1:0] as '10b' in the device configuration-2
register which enables the device to sample the pin and identify the resistor connected. After writing the device
configuration-2 register, the host must idle the bus for tRESDET, for the device to decode the resistor address.
Table 8-3 shows the set value of the device address based on the decoded resistor value. If the ADDR pin
connected to GND or lower than 6.49 kΩ, then the address decoder shall always decode as '0000b'. Similarly,
if the ADDR pin is connected to a resistor higher than 54.9 kΩ, the address decoder shall always decode as
'1111b'.
The host controller must ensure that CONV_MODE_SEL[2:0] is set as '000b' when decoding the resistor
address.
Table 8-3. Resistor Address Decode
RESISTOR VALUE (kΩ)
ADDRESS DECODE
< 6.49
0h
7.87
1h
9.31
2h
11.0
3h
13.3
4h
15.4
5h
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com