Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments TMP1827 Datasheet HTML 10Page - Texas Instruments TMP1827 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7.6 1-Wire Interface Timing
Over free-air temperature range and VDD = 1.70 V to 5.5 V (unless otherwise noted)
STANDARD MODE
OVERDRIVE MODE
UNIT
MIN
MAX
MIN
MAX
BUS RESET AND BIT SLOT TIMING
tRSTL
Host to device bus reset pulse width (Figure 7-1)
(1)
480
560
48
80
µs
tRSTH
Device to host response time (Figure 7-1)(2)
480
48
µs
tPDH
Device turnaround time for bus reset
response (Figure 7-1)
15
60
2
8
µs
tPDL
Device to host response pulse width (Figure 7-1)
60
240
8
24
µs
tSLOT
Bit slot time (Figure 7-2, Figure 7-3)
60
120
11
µs
tREC
Recovery time (Figure 7-2, Figure 7-3)
2
2
µs
tGF
Glitch filter width (Figure 7-6)(3)
0.48
0.025
µs
tF
Fall time
100
100
ns
BIT WRITE TIMING
tWR0L
Host write 0 width (Figure 7-2)
60
120
9
10
µs
tWR1L
Host write 1 width (Figure 7-2)
2
15
1
2
µs
tRDV
Device read data valid time (Figure 7-2)
15
2
µs
tDSW
Device read data window (Figure 7-2)
15
45
2
7
µs
BIT READ TIMING
tRL
Host drive read bit slot time (Figure 7-3)
2
5
2
3
µs
tRWAIT
Host wait time before read data sampling
window (Figure 7-3)(4)
tRL+tRC
tRL+tRC
µs
tMSW
Host read data sampling window (Figure 7-3)
tRL+tRC
30
tRL+tRC
3
µs
(1)
In bus powered mode, extending the tRSTL above 600 µs may cause the device to power on reset
(2)
The tRSTH is the maximum time the host must wait to receive a response from the furthest device, taking into account the propagation
delay and recovery time for all the devices.
(3)
The glitch filter timing applies only on the rising edge of the SDQ signal
(4)
The tRC time is defined as the time taken for the bus voltage to rise from 0V to minimum VIH of the host. This is a function of the bus
pullup resistor and parasitic capcitance of the trace or cable.
7.7 Security Engine Characteristics
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
tHASH_DATA
Computation time for SHA-256 hash calculation for data size of 8 bytes
355
µs
tDECOMMISSION
Time for decommission of the device
78
130
ms
IDD_HASH
Hash computation current
TBD
µA
7.8 EEPROM Characteristics
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
tPROG
Programming time for 8-byte data word in user EEPROM
13.2
21
ms
Programming time for register copy to EEPROM
26.4
42
ms
tREADIDLE
Idle bus time for EEPROM 8-byte data word fetch
400
µs
IDD_PROG
Programming current
178
TBD
µA
Data Retention
at TA = 125°C
25
years
at TA = 150°C
10
years
Endurance
For erase and program cycles
1000
20000
cycles
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com