Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 22Page - Texas Instruments TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments TMP1827 Datasheet HTML 29Page - Texas Instruments TMP1827 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
by the host and updates the temperature result register when continuous conversion mode is enabled. The
device also performs the alert threshold check and sets the flags and alert pin, if configured accordingly. When
in continuous conversion mode, the CONVERTTEMP function has no effect on the temperature conversion
request. The application can at any time change the rate of conversion or put the device back into one-shot
conversion mode, and this takes effect only after the current conversion is complete.
Active conversion time
Conversion interval
(tCONV)
Conversion interval
Start of conversion
(tACT)
Averaging
Figure 8-16. Continuous Conversion Mode
If due to any reason, the VDD supply fails without the device going through a brown out, causing the device
to move to bus powered mode of operation, the conversion mode automatically reverts to the setting in the
configuration EEPROM.
8.4.2 Alert Function
As described earlier, the built-in alert function can be used by the host to check if the temperature has crossed a
certain threshold. The alert status bits are available in both bus powered and VDD powered mode. The alert pin
is available only in VDD powered mode.
If the device is in VDD powered mode and IO2/ALERT is configured to function as an IO2/ALERT pin, then the
pin shall be driven active low when the threshold crossing occurs. The pin is open-drain, and therefore requires
a pullup resistor. The IO2/ALERT pin deassertion is based on the setting of the ALERT_MODE setting in the
device configuration-1 register.
8.4.2.1 Alert Mode
The device operates in alert mode, when the ALERT_MODE is set as '0b'. In the alert mode of operation, the
alert status flag and IO2/ALERT pin are asserted when the last temperature conversion is either higher than the
temperature alert high limit or when it is lower than the temperature alert low limit register.
TMP1827
SBOSA15 – SEPTEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com