Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 1 Page - Texas Instruments

  TMP1827 Datasheet HTML 1Page - Texas Instruments TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC
Authentication Engine, 2-kbit EEPROM
1 Features
• Single-wire interface with multi-drop shared bus
and CRC
• Bus powered with operating voltage from 1.7 V to
5.5 V
• IEC 61000-4-2 ESD for 8-kV contact discharge
• High-accuracy digital temperature sensor:
– ±0.1°C (typical)/±0.3°C (maximum) from –20°C
to +85°C
– ±0.3°C (typical)/±0.5°C (maximum) from –55°C
to +125°C
– ±0.5°C (typical)/±1.0°C (maximum) from –55°C
to +150°C
• Active current of 100-µA (typical) and shutdown
current of 1.0 µA (typical)
• 16-bit temperature resolution: 7.8125 m°C (1 LSB)
• Fast data rates of 90 kbps in overdrive speed
• Flexible user programmable short address modes
for faster device address
• SHA-256-HMAC authentication scheme
– FIPS 180-4 compliant Secure Hash
Implementation
– FIPS 198-1 compliant HMAC Implementation
• 2-kbit EEPROM features:
– Write operation in block size of 64-bits
– Continuous read mode
– Read with write protection with page size of
256-bits
– Authenticated write protection mode with page
size of 256-bits
– Read/write current of 95 µA/178 µA (typical)
• NIST traceable factory-programmed non erasable
64-bit identification number for device addressing
• 4 configurable open-drain digital input-output and
temperature alert
2 Applications
• Factory automation and control
• Appliances
• Medical accessories
• CPAP machine
• Battery packs
• Cold chain applications
• Temperature transmitters
• EV charging infrastructure
3 Description
The TMP1827 is a high-accuracy, single-wire
compatible digital output temperature sensor with
integrated 2-kbit EEPROM and SHA-256-HMAC
authentication
scheme
with
a
wide
operating
temperature range from –55°C to +150°C. The
TMP1827 provides a high accuracy of ±0.1°C
(typical)/±0.3°C (maximum) across the temperature
range of –20°C to +85°C. Each device comes with
a factory programmed 64-bit unique identification
number for addressing and NIST traceability. The
TMP1827 supports both standard speed for legacy
application and overdrive mode with 90-kbps data rate
for low latency communication across a wide voltage
range of 1.7 V to 5.5 V.
In the simplest mode of operation, the TMP1827
single-wire
interface,
with
an
integrated
8-kV
IEC-61000-4-2 ESD protection on the data pin,
requires only a single connection and a ground return
in bus powered mode, which simplifies and reduces
cost by reducing the number of wires and external
protection components. Additionally, there is the VDD
power pin also available for applications that may
want to have a dedicated power supply.
Package Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
TMP1827
WSON (8)
2.50 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
MCU
VDD = 1.7V to 5.5V
RPU
TMP1827
SDQ
GND
VDD
TMP1827
SDQ
GND
VDD
GPIO
GND
VDD
VDD Powered
Bus Powered
Simplified Schematic
TMP1827
SBOSA15 – SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMP1827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1827 TI-TMP1827 Datasheet
2Mb / 65P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
TMP1827 TI-TMP1827 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1827N TI-TMP1827N Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1827NGRR TI-TMP1827NGRR Datasheet
2Mb / 65P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
TMP1827NGRR TI-TMP1827NGRR Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
More results

Similar Description - TMP1827

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
1280-Bit EEPROM with SHA-1 Authentication
011206
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
logo
Maxim Integrated Produc...
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
TMP1826 TI-TMP1826_V01 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1826 TI-TMP1826_V02 Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
TMP1827 TI-TMP1827_V01 Datasheet
2Mb / 65P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
TMP1827 TI-TMP1827_V02 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com